Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
40
LIN_VOL [4:0],
RIN_VOL [4:0]
GAIN –
SINGLE-ENDED MODE /
DIFFERENTIAL LINE MODE
GAIN –
DIFFERENTIAL MIC MODE
00000
-1.5 dB
Not valid
00001
-1.3 dB
+12 dB
00010
-1.0 dB
+15 dB
00011
-0.7 dB
+18 dB
00100
-0.3 dB
+21 dB
00101
0.0 dB
+24 dB
00110
+0.3 dB
+27 dB
00111
+0.7 dB
+30 dB
01000
+1.0 dB
+30 dB
01001
+1.4 dB
+30 dB
01010
+1.8 dB
+30 dB
01011
+2.3 dB
+30 dB
01100
+2.7 dB
+30 dB
01101
+3.2 dB
+30 dB
01110
+3.7 dB
+30 dB
01111
+4.2 dB
+30 dB
10000
+4.8 dB
+30 dB
10001
+5.4 dB
+30 dB
10010
+6.0 dB
+30 dB
10011
+6.7 dB
+30 dB
10100
+7.5 dB
+30 dB
10101
+8.3 dB
+30 dB
10110
+9.2 dB
+30 dB
10111
+10.2 dB
+30 dB
11000
+11.4 dB
+30 dB
11001
+12.7 dB
+30 dB
11010
+14.3 dB
+30 dB
11011
+16.2 dB
+30 dB
11100
+19.2 dB
+30 dB
11101
+22.3 dB
+30 dB
11110
+25.2 dB
+30 dB
11111
+28.3 dB
+30 dB
Table 4 Input PGA Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com