Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
59
RETUNETM MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTune
TM Mobile Parametric Equaliser is a circuit that can be enabled in the DAC path. The
function of the EQ is to adjust the frequency characteristic of the output to compensate for unwanted
frequency characteristics in the loudspeaker (or other output transducer). It can also be used to tailor
the response according to user preferences, for example to accentuate or attenuate specific
frequency bands to emulate different sound profiles or environments such as concert hall, rock etc.
The EQ is enabled using the EQ_ENA bit as shown in Table 23.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R134 (86h)
EQ1
0
EQ_ENA
0
EQ enable
0 = EQ disabled
1 = EQ enabled
Table 23 ReTune
TM Mobile Parametric EQ Enable
The EQ can be configured to operate in two modes - “Default” mode or “ReTune
TM Mobile” mode.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off / centre frequencies are fixed as per Table 24. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 25.
Note that the cut-off / centre frequencies noted in Table 24 are applicable to a DAC Sample Rate of
48kHz. When using other sample rates, these frequencies will be scaled in proportion to the selected
sample rate.
EQ BAND
CUT-OFF/CENTRE
FREQUENCY
1
100 Hz
2
300 Hz
3
875 Hz
4
2400 Hz
5
6900 Hz
Table 24 EQ Band Cut-off / Centre Frequencies
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R135 (87h)
EQ2
4:0
EQ_B1_GAIN [4:0]
01100b
(0dB)
EQ Band 1 Gain
(see Table 26 for gain range)
R136 (88h)
EQ3
4:0
EQ_B2_GAIN [4:0]
01100b
(0dB)
EQ Band 2 Gain
(see Table 26 for gain range)
R137 (89h)
EQ4
4:0
EQ_B3_GAIN [4:0]
01100b
(0dB)
EQ Band 3 Gain
(see Table 26 for gain range)
R138 (8Ah)
EQ5
4:0
EQ_B4_GAIN [4:0]
01100b
(0dB)
EQ Band 4 Gain
(see Table 26 for gain range)
R139 (8Bh)
EQ6
4:0
EQ_B5_GAIN [4:0]
01100b
(0dB)
EQ Band 5 Gain
(see Table 26 for gain range)
Table 25 EQ Band Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com