Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
82
LOW POWER PLAYBACK MODE
The analogue circuits of the WM8904 require a bias current. The default bias configuration is suitable
for typical applications, and does not require any user adjustment.
For lowest power consumption in headphone or line output playback mode, the WM8904 bias settings
must be configured using the register sequence described in Table 48.
Note that the low power playback bias settings are recommended for DAC / Playback modes only;
they are not suitable for ADC / Record Path modes.
REGISTER
ADDRESS
VALUE
04h
0011h
08h
0019h
CCh
0030h
5Bh
0002h
63h
2425h
64h
2B23h
A1h
0002h
65h
00C0h
A1h
0000h
Table 48 Low Power Playback Mode Enable Sequence
The low power mode disable sequence is described in Table 49.
Note that the low power playback bias settings are not suitable for ADC / Record Path modes; the low
power configuration must be disabled for these modes.
REGISTER
ADDRESS
VALUE
04h
0019h
08h
0001h
CCh
0000h
5Bh
0000h
63h
1F25h
64h
2B19h
A1h
0002h
65h
01C0h
A1h
0000h
Table 49 Low Power Playback Mode Disable Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com