Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
18
BYPASS PATH
Differential Stereo Line Input to Stereo Line Output- IN2L-IN3L / IN2R-IN3R pins to LINEOUTL+LINEOUTR pins with 10k
 /
50pF load
Test conditions:
L_MODE = R_MODE = 01b (Differential Line)
LIN_VOL = RIN_VOL = 00101b (0dB)
LINEOUTL_VOL = LINEOUTR_VOL = 111001b (0dB)
Total signal path gain = 0dB
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Full Scale Output Signal Level
1.0
0
2.83
Vrms
dBV
Vpk-pk
Signal to Noise Ratio
SNR
A-weighted
90
100
dBV
Total Harmonic Distortion + Noise
THD+N
-1dBV input
-92
-85
dBV
Channel Separation
1kHz signal, -1dBV
90
dB
10kHz signal, -1dBV
80
Channel Level Matching
1kHz signal, -1dBV
+/-1
dB
Power Supply Rejection Ratio
PSRR
217Hz, 100mV pk-pk
45
dB
CHARGE PUMP
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up Time
260
s
CPCA
Normal mode
CPVDD
V
Low power mode
CPVDD/2
V
CPCB
Normal mode
-CPVDD
V
Low power mode
-CPVDD/2
V
External component requirements
To achieve specified headphone output power and performance
Flyback Capacitor
(between CPCA and CPCB)
at 2V
1
2.2
F
CPVOUTN Capacitor
at 2V
2
2.2
F
CPVOUTP Capacitor
at 2V
2
2.2
F
FLL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Frequency
FREF
FLL_CLK_REF_DIV =
00
0.032
13.5
MHz
FLL_CLK_REF_DIV =
01
0.064
27
MHz
Lock time
2
ms
Free-running mode start-up time
VMID enabled
100
s
Free-running mode frequency
accuracy
Reference supplied
initially
+/-10
%
No reference provided
+/-30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com