Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
21
POWER CONSUMPTION
The WM8904 power consumption is dependent on many parameters. Most significantly, it depends
on supply voltages, sample rates, mode of operation, and output loading.
The power consumption on each supply rail varies approximately with the square of the voltage.
Power consumption is greater at fast sample rates than at slower ones. When the digital audio
interface is operating in Master mode, the DBVDD current is significantly greater than in Slave mode.
(Note also that power savings can be made by using MCLK as the BCLK source in Slave mode.) The
output load conditions (impedance, capacitance and inductance) can also impact significantly on the
device power consumption.
COMMON TEST CONDITIONS
Unless otherwise stated, the following test conditions apply throughout the following sections:
Ambient temperature = +25°C
Audio signal = quiescent (zero amplitude)
Sample rate = 48kHz
MCLK = 12.288MHz
Audio interface mode = Slave (LRCLK_DIR=0, BCLK_DIR=0)
SYSCLK_SRC = 0 (system clock comes direct from MCLK, not from FLL)
Additional, variant test conditions are quoted within the relevant sections below. Where applicable,
power dissipated in the headphone or line loads is included.
POWER CONSUMPTION MEASUREMENTS
Single-ended Stereo Line Record - IN1L/R, IN2L/R or IN3L/R pins to ADC output.
Test conditions:
L_MODE = R_MODE = 00b (Single ended)
LIN_VOL = RIN_VOL = 00101 = +0.0 dB
ADC_OSR128 = 0 (64*fs), ADC_128_OSR_TST_MODE = 1, ADC_BIASx1P5 = 1
MICBIAS = disabled
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
48kHz sample rate
1.80
4.38
1.00
0.80
1.80
0.02
1.80
0.01
1.80
0.01
8.72
8kHz sample rate
1.80
4.25
1.00
0.14
1.80
0.00
1.80
0.01
1.80
0.01
7.81
48kHz -6dBV sine wave
1.80
4.41
1.00
0.80
1.80
0.03
1.80
0.01
1.80
0.01
8.81
Differential Stereo Record from Analogue Microphones - IN1L/R, IN2L/R or IN3L/R pins to ADC out.
Test conditions:
L_MODE = R_MODE = 10b (Differential mic)
LIN_VOL = RIN_VOL = 00111 = +30.0 dB
ADC_OSR128 = 0 (64*fs), ADC_128_OSR_TST_MODE = 1, ADC_BIASx1P5 = 1
MICBIAS_ENA = 1, MICBIAS_SEL = 000, No load connected to MICBIAS
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
48kHz sample rate
1.80
4.38
1.00
0.80
1.80
0.02
1.80
0.01
1.80
0.01
8.73
8kHz sample rate
1.80
4.25
1.00
0.14
1.80
0.00
1.80
0.01
1.80
0.01
7.81
48kHz -30dBV sine wave
1.80
4.39
1.00
0.81
1.80
0.03
1.80
0.01
1.80
0.01
8.78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com