Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
24
Stereo analogue bypass to headphones - IN1L/R, IN2L/R or IN3L/R pins to HPOUTL+HPOUTR pins with 30Ω load.
Test conditions:
LIN_VOL = RIN_VOL = 00101 = +0.0 dB
MCLK = 11.2896MHz
Digital audio interface disabled
Note that the Analogue bypass configuration does not benefit from the Class W dynamic control.
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
HPOUTVOL = 000000 (-57dB)
1.8
1.24
1
0.11
1.8
0.00
1.8
0.26
2.5
0.01
2.82
Po = 0.1mW/channel 1kHz sine wave
HPOUTVOL = 100000 (-25dB)
1.8
1.29
1
0.11
1.8
0.00
1.8
2.05
2.5
0.01
6.13
Po = 1mW/channel 1kHz sine wave
HPOUTVOL = 101010 (-15dB)
1.8
1.30
1
0.11
1.8
0.00
1.8
5.86
2.5
0.01
13.02
Stereo analogue bypass to Line-out - IN1L/R, IN2L/R or IN3L/R pins to LINEOUTL+LINEOUTR pins with 30Ω load.
Test conditions:
LIN_VOL = RIN_VOL = 00101 = +0.0 dB
MCLK = 11.2896MHz
Digital audio interface disabled
Note that the Analogue bypass configuration does not benefit from the Class W dynamic control.
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
LINEOUTVOL = 000000 (-57dB)
1.8
1.04
1.0
0.15
1.8
0.00
1.8
0.21
1.8
0.01
2.41
Quiescent
LINEOUTVOL = 101011 (-14dB)
1.8
1.04
1.0
0.15
1.8
0.00
1.8
0.63
1.8
0.01
3.18
Quiescent
LINEOUTVOL = 111001 (0dB)
1.8
1.04
1.0
0.15
1.8
0.00
1.8
1.25
1.8
0.01
4.28
Off
Note: DC servo calibration is retained in this state as long as DCVDD is supplied. This allows fast, pop suppressed start-up from the
off state.
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
Off (default settings)
No Clocks applied
1.8
0.01
1
0.00
1.8
0.00
1.8
0.01
2.5
0.01
0.04
Off (default settings)
DACDAT, MCLK, BCLK, and LRCLK
applied
1.8
0.01
1
0.02
1.8
0.00
1.8
0.01
2.5
0.01
0.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com