Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
62
DIGITAL MIXING
The ADC and DAC data can be combined in various ways to support a range of different usage
modes.
Data from either of the two ADCs can be routed to either the left or the right channel of the digital
audio interface. In addition, data from either of the digital audio interface channels can be routed to
either the left or the right DAC. See "Digital Audio Interface" for more information on the audio
interface.
The WM8904 provides a Dynamic Range Control (DRC) feature, which can apply compression and
gain adjustment in the digital domain to either the ADC or DAC signal path. This is effective in
controlling signal levels under conditions where input amplitude is unknown or varies over a wide
range.
The DACs can be configured as a mono mix of the two audio channels. Digital sidetone from the
ADCs can also be selectively mixed into the DAC output path.
DIGITAL MIXING PATHS
Figure 35 shows the digital mixing paths available in the WM8904 digital core.
Figure 35 Digital Mixing Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com