Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
AVDD, DCVDD
-0.3V
+2.5V
DBVDD,
-0.3V
+4.5V
MICVDD
-0.3V
+4.5V
CPVDD
-0.3V
+2.2V
HPOUTL, HPOUTR, LINEOUTL, LINEOUTR
(CPVDD + 0.3V) * -1
CPVDD + 0.3V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Temperature range, TA
-40
C
+85
C
Storage temperature after soldering
-65
C
+150
C
Notes:
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other; there is no restriction on power supply
sequencing.
3.
HPOUTL, HPOUTR, LINEOUTL, LINEOUTR are outputs, and should not normally become connected to DC levels.
However, if the limits above are exceeded, then damage to the WM8904 may occur.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
0.95
1.0
1.98
V
Digital supply range (Buffer)
DBVDD
1.42
1.8
3.6
V
Analogue supplies range
AVDD
1.71
1.8
2.0
V
Charge pump supply range
CPVDD
1.71
1.8
2.0
V
Microphone bias
MICVDD
1.71
2.5
3.6
V
Ground
DGND, AGND, CPGND
0
V
Operating Temperature (ambient)
TA
-40
+25
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com