Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
64
DAC INTERFACE VOLUME BOOST
A digital gain function is available at the audio interface to boost the DAC volume when a small signal
is received on DACDAT. This is controlled using register bits DAC_BOOST [1:0]. To prevent clipping
at the DAC input, this function should not be used when the boosted DAC data is expected to be
greater than 0dBFS.
The digital interface volume is controlled as shown in Table 29.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
10:9
DAC_BOOST
[1:0]
00
DAC Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not
exceed -6dBFS)
10 = +12dB (Input data must not
exceed -12dBFS)
11 = +18dB (Input data must not
exceed -18dBFS)
Table 29 DAC Interface Volume Boost
DIGITAL SIDETONE
A digital sidetone is available when ADCs and DACs are operating at the same sample rate. Digital
data from either left or right ADC can be mixed with the audio interface data on the left and right DAC
channels. Sidetone data is taken from the ADC high pass filter output, to reduce low frequency noise
in the sidetone (e.g. wind noise or mechanical vibration).
When using the digital sidetone, it is recommended that the ADCs are enabled before un-muting the
DACs to prevent pop noise. The DAC volumes and sidetone volumes should be set to an appropriate
level to avoid clipping at the DAC input.
When digital sidetone is used, it is recommended that the Charge Pump operates in Register Control
mode only (CP_DYN_PWR = 0). See “Charge Pump” for details.
The digital sidetone is controlled as shown in Table 30.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
DAC Digital
0
11:8
ADCL_DAC_SVOL
[3:0]
0000
Left Digital Sidetone Volume
(See Table 31 for volume range)
7:4
ADCR_DAC_SVOL
[3:0]
0000
Right Digital Sidetone Volume
(See Table 31 for volume range)
3:2
ADC_TO_DACL
[1:0]
00
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
1:0
ADC_TO_DACR
[1:0]
00
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Table 30 Digital Sidetone Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com