Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 142 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 142 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 138Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 139Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 140Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 141Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 142Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 143Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 144Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 145Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 146Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
142
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
SW Reset
and ID
15:0
SW_RST_DEV
_ID1 [15:0]
1000_1001
_0000_010
0
Writing to this register resets all registers to their default
state.
Reading from this register will indicate Device ID
8904h.
Software Reset
and Chip ID
Register 00h SW Reset and ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
Bias Control
0
3:2
ISEL [1:0]
10
Master Bias Control
00 = Low power bias
01 = Reserved
10 = High performance bias (default)
11 = Reserved
Note that the ISEL register should only be changed as
part of the Low Power Mode Enable/Disable
sequences.
Reference
Voltages and
Master Bias
0
BIAS_ENA
0
Enables the Normal bias current generator (for all
analogue functions)
0 = Disabled
1 = Enabled
Reference
Voltages and
Master Bias
Register 04h Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
VMID
Control 0
6
VMID_BUF_EN
A
0
Enable VMID buffer to unused Inputs/Outputs
0 = Disabled
1 = Enabled
Analogue Outputs
2:1
VMID_RES
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
Analogue Outputs
0
VMID_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
Analogue Outputs
Register 05h VMID Control 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com