Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 145Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 146Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 147Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 148Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 149Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 150Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 151Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 152Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30 (1Eh)
DAC Digital
Volume Left
8
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit causes left and right DAC volume
to be updated simultaneously
DAC Digital
Volume Control
7:0
DACL_VOL
[7:0]
1100_0000 Left DAC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h to FFh = 0dB
DAC Digital
Volume Control
Register 1Eh DAC Digital Volume Left
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R31 (1Fh)
DAC Digital
Volume
Right
8
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit causes left and right DAC volume
to be updated simultaneously
DAC Digital
Volume Control
7:0
DACR_VOL
[7:0]
1100_0000 Right DAC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h to FFh = 0dB
DAC Digital
Volume Control
Register 1Fh DAC Digital Volume Right
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R32 (20h)
DAC Digital
0
11:8
ADCL_DAC_S
VOL [3:0]
0000
Left Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
(… 3dB steps)
1011 = -3dB
11XX = 0dB
Digital Mixing
7:4
ADCR_DAC_S
VOL [3:0]
0000
Right Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
(… 3dB steps)
1011 = -3dB
11XX = 0dB
Digital Mixing
3:2
ADC_TO_DAC
L [1:0]
00
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Digital Mixing
1:0
ADC_TO_DAC
R [1:0]
00
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Digital Mixing
Register 20h DAC Digital 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com