Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
38
Figure 16 ALC Hold Time
ALCHLD
tHOLD (s)
0000
0
0001
2.67ms
0010
5.34ms
0011
10.7ms
0100
21.4ms
0101
42.7ms
0110
85.4ms
0111
171ms
1000
342ms
1001
684ms
1010
1.37s
Table 27 ALC Hold Time Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com