Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
52
HEADPHONE OUTPUT
The speaker outputs can drive a 16
 or 32 headphone load, either through DC blocking capacitors,
or DC coupled without any capacitor.
Headphone Output using DC Blocking Capacitors:
DC Coupled Headphone Output:
Figure 23 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 16
 load and C1
= 220
F:
fc = 1 / 2 RLC1 = 1 / (2 x 16 x 220F) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the MONOOUT pin. The
MONOOUT pin can be configured as a DC output driver by setting the MONOMUTE register bit. The
DC voltage on MONOOUT in this configuration is equal to the DC offset on the SPROUTP and
SPKOUTN pins therefore no DC blocking capacitors are required. This saves space and material
cost in portable applications.
It is recommended to connect the DC coupled outputs only to headphones, and not to the line input
of another device. Although the built-in short circuit protection will prevent any damage to the
headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.
MONO OUTPUT
The mono output, can be used as a line output, a headphone output or as a pseudo ground for cap-
less driving of loads by SPKOUT. Recommended external components are shown below.
Figure 24 Recommended Circuit for Line Output
The DC blocking capacitors and the load resistance together determine the lower cut-off frequency,
fc. Assuming a 10 k load and C1 = 1F:
fc = 1 / 2 (RL+R1) C1 = 1 / (2 x 10.1k x 1F) = 16 Hz
Increasing the capacitance lowers fc, improving the bass response. Smaller values of C1 will diminish
the bass response. The function of R1 is to protect the line outputs from damage when used
improperly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com