Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
48
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54
Speaker
volume control
7
SPKZC
0
Speaker Volume control zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
SPKMUTE
1
Speaker output mute enable
0=Speaker output enabled
1=Speaker output muted (VMIDOP)
5:0
SPKVOL
[5:0]
111001
(0dB)
Speaker Volume Adjust
111111 = +6dB
111110 = +5dB
… (1.0 dB steps)
111001=0dB
…
000000=-57dB
Table 35 SPKOUT Volume Control
ZERO CROSS TIMEOUT
A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output
PGAs the gain will automatically update after a timeout period if a zero cross has not occurred. This
is enabled by setting SLOWCLKEN. The timeout period is either 31Hz or 47Hz.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
control
0
SLOWCLKEN
0
Slow clock enable. Used for both the jack
insert detect de-bounce circuit and the
zero cross timeout.
0 = slow clock disabled
1 = slow clock enabled
Table 36 Timeout Clock Enable Control
MONO MIXER AND OUTPUT
The MONOOUT pin can drive a 16
 or 32 headphone or a line output or be used as a DC
reference for a headphone output (see Headphone Output section). It can be selected to drive out
any combination of DAC, Bypass (output of input BOOST stage) and AUX. This output is enabled by
setting bit MONOEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com