Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
MS
0
Sets the chip to be master over FRAME and BCLK
0=BCLK and FRAME clock are inputs
1=BCLK and FRAME clock are outputs generated by
the WM8940 (MASTER)
Digital Audio
Interfaces
7 (07h)
15:7
00000
Reserved
6
POB_CTRL
0
Power on Bias Control
0=normal (current bias based on VMID)
1=Startup (current bias not based on VMID)
POP Minimisation
5
SOFT_START
0
VMID Soft Start
0=disabled
1=enabled
POP Minimisation
4
TOGGLE
0
Fast VMID Discharge
0=normal
1=enable (used during powerdown)
POP Minimisation
3:1
SR
000
Approximate sample rate (configures the coefficients
for the internal digital filters):
000=48kHz
001=32kHz
010=24kHz
011=16kHz
100=12kHz
101=8kHz
110-111=reserved
Audio Sample
Rates
0
SLOWCLKEN
0
Enables the Timeout Clock for zero cross detection.
Zero Cross
Timeout
8 (08h)
15:8
00h
Reserved
7
MODE_GPIO
0
Selects MODE as a GPIO pin
0 = MODE is an input. MODE selects 2-wire mode
when low and 3-wire mode when high.
1 = MODE can be an input or output under the control
of the GPIO control register. Interface operates in 3-
wire mode regardless of what happens on the MODE
pin.
Control Interface
6
0
Reserved
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
General Purpose
Input Output
3
GPIOPOL
0
GPIO Polarity invert
0=Non inverted
1=Inverted
General Purpose
Input Output
2:0
GPIOSEL
000
CSB/GPIO pin function select:
000=CSB input
001= Jack insert detect
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=Reserved
111=Reserved
General Purpose
Input Output
9 (09h)
15:2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com