Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
Production Data
WM8940
w
PD, Rev 4.3, November 2011
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
PLL_POWERD
OWN
0
PLL POWER
0=On
1=Off
Master Clock and
Phase Locked
Loop (PLL)
6
FRACEN
1
Fractional Divide within the PLL
0=Disabled (Lower Power)
1=Enabled
Master Clock and
Phase Locked
Loop (PLL)
5:4
PLLPRESCALE 00
00 = MCLK input multiplied by 2 (default)
01 = MCLK input not divided (default)
10 = Divide MCLK by 2 before input to PLL
11 = Divide MCLK by 4 before input to PLL
Master Clock and
Phase Locked
Loop (PLL)
3:0
PLLN[3:0]
1100
Integer (N) part of PLL input/output frequency ratio.
Use values greater than 5 and less than 13.
Master Clock and
Phase Locked
Loop (PLL)
37 (25h)
15:6
000h
Reserved
5:0
PLLK[23:18]
001100
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
38 (26h)
15:9
00h
Reserved
8:0
PLLK[17:9]
010010011
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
39 (27h)
15:9
00h
Reserved
8:0
PLLK[8:0]
011101001
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
40 (28h)
15:0
0000h
Reserved
41 (29h)
15:0
0000h
Reserved
42 (2Ah)
15:2
0
Reserved
1
ALCZC
0 (zero
cross off)
ALC uses zero cross detection circuit.
0 = Disabled (recommended)
1 = Enabled
ALC Control 4
0
0
Reserved
43 (2Bh)
15:0
0000h
Reserved
44 (2Ch)
15:9
00h
Reserved
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.75 * AVDD
Input Signal Path
7:4
0h
Reserved
3
AUXMODE
0
Auxiliary Input Mode
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Input Signal Path
2
AUX2INPPGA
0
Select AUX amplifier output as input PGA signal
source.
0=AUX not connected to input PGA
1=AUX connected to input PGA amplifier negative
terminal.
Input Signal Path
1
MICN2INPPGA 1
Connect MICN to input PGA negative terminal.
0=MICN not connected to input PGA
1=MICN connected to input PGA amplifier negative
terminal.
Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com