Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
Production Data
WM8940
w
PD, Rev 4.3, November 2011
87
Figure 48 Cumulative Notch + Low Pass Filters Responses (48kHz);
NF0 fc = 1kHz; NF1 fc = 5kHz; NF2 fc = 10kHz; LPF fc = 11kHz; fb = 100Hz, 600Hz, 2kHz
NOTCH FILTER WORKED EXAMPLE
The following example illustrates how to calculate the a0 and a1 coefficients for a desired centre frequency and -3dB
bandwidth.
fc = 1000 Hz
fb = 100 Hz
fs = 48000 Hz
s
c
0
f
/
f
2
w
=
2
x (1000 / 48000) = 0.1308996939 rads
s
b
b
f
/
f
2
w
=
2
x (100 / 48000) = 0.01308996939 rads
)
2
/
w
tan(
1
)
2
/
w
tan(
1
a
b
b
0
=
)
2
/
9
0130899693
.
0
tan(
1
)
2
/
9
0130899693
.
0
tan(
1
= 0.9869949627
)
w
cos(
)
a
1
(
a
0
0
1
=
)
1308996939
.
0
cos(
)
9869949627
.
0
1
(
= -1.969995945
NFn_A0 = -a0 x 2
13 = -8085 (rounded to nearest whole number)
NFn_A1 = -a1 x 2
12 = 8069 (rounded to nearest whole number)
These values are then converted to a 14-bit sign / magnitude notation:
NFn_A0[13] = 1; NFn_A0[12:0] = 13’h1F95; NFn_A0 = 14’h3F95 = 14’b11111110010101
NFn_A1[13] = 0; NFn_A1[12:0] = 13’h1F85; NFn_A1 = 14’h1F85 = 14’b01111110000101
-40
+0
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
T
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com