Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
86
NOTCH FILTERS AND LOW PASS FILTER
The WM8940 supports four programmable notch filters. The fourth notch filter can be configured as a
low pass filter. The following illustrates three digital notch filters, followed by a single low pass filter in
the ADC filter path. Both the centre frequency and -3dB bandwidth are programmable for the notch
filters. The cut off frequency is programmable for the low pass filter. The following graphs show the
responses of 1) a single notch filter at three chosen centre frequencies, with three bandwidths for
each, 2) the low pass filter at three chosen cut off frequencies and 3) the cascade of three notch
filters followed by the low pass filter, each with a different centre / cut off frequency with three
bandwidths for each.
Figure 46 ADC Notch Filter Responses (48kHz); fc=100Hz, 1kHz, 10kHz; fb = 100Hz, 600Hz, 2kHz
Figure 47 ADC Low Pass Filter Responses (48kHz); fc= 1kHz, 5kHz, 10kHz
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com