Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
WM8940
Production Data
w
PD, Rev 4.3, November 2011
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
MICP2INPPGA
0
Connect input PGA amplifier positive terminal to MICP
or VMID.
0 = input PGA amplifier positive terminal connected to
VMID
1 = input PGA amplifier positive terminal connected to
MICP through variable resistor string
Input Signal Path
45 (2Dh)
15:8
00h
Reserved
7
INPPGAZC
0
Input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1
st zero cross after gain register
write.
Input Signal Path
6
INPPGAMUTE
1
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal Path
5:0
INPPGAVOL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
Input Signal Path
46 (2Eh)
15:0
0000h
Reserved
47 (2Fh)
15:9
00h
Reserved
8
PGABOOST
0
Input Boost
0 = PGA output has +0dB gain through input BOOST
stage.
1 = PGA output has +20dB gain through input BOOST
stage.
Input Signal Path
7
0
Reserved
6:4
MICP2BOOSTVOL 000
Controls the MICP pin to the input boost stage (NB,
when using this path set MICP2INPPGA=0):
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal Path
3
0
Reserved
2:0
AUX2BOOSTVOL 000
Controls the auxiliary amplifier to the input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal Path
48 (30h)
15:0
0000h
Reserved
49 (31h)
15:2
0000h
Reserved
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Output Switch
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to analogue output
resistance
0: approx 1k
1: approx 30 k
Analogue Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com