Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940CGEFL/V Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8940CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8940CGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
Production Data
WM8940
w
PD, Rev 4.3, November 2011
89
PACKAGE DIAGRAM
DM102.C
FL: 24 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.9 mm BODY, 0.50 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VGGD-8.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A3
G
T
H
W
b
Exposed lead
Half etch tie bar
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.80
0.85
0.90
0.05
0.035
0
0.203 REF
b
D
D2
E
E2
e
L
0.30
0.20
4.00 BSC
2.60
2.50
2.40
0.50 BSC
0.35
0.40
0.45
2
2
4.00 BSC
2.60
2.50
2.40
0.10
aaa
bbb
ccc
REF:
0.10
0.10
JEDEC, MO-220, VARIATION VGGD-8.
Tolerances of Form and Position
0.25
H
0.10
0.20
G
T
0.103
W
0.15
DETAIL 1
DETAIL 3
6
1
13
18
24
19
12
e
D2
b 7
1
B
C
bbb M
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
1
C
A3
SEATING PLANE
A1
C
0.08
C
ccc
A
5
SIDE VIEW
EXPOSED
GROUND
PADDLE
6
DETAIL 1
0.30mm
45°
EXPOSED
GROUND
PADDLE
E2
SEE DETAIL 2
L
e
Datum
DETAIL 2
Terminal
Tip
e/2
M
M
DETAIL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com