Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 10 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 10 Page - ams AG

Back Button AS5502 Datasheet HTML 6Page - ams AG AS5502 Datasheet HTML 7Page - ams AG AS5502 Datasheet HTML 8Page - ams AG AS5502 Datasheet HTML 9Page - ams AG AS5502 Datasheet HTML 10Page - ams AG AS5502 Datasheet HTML 11Page - ams AG AS5502 Datasheet HTML 12Page - ams AG AS5502 Datasheet HTML 13Page - ams AG AS5502 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
There is one FREQUENCY-SYNTHESISER used to generate the
FSK-signal.
With the input signal TXD strobed with the high going edge of CKTX the control input of the
synthesiser gets modified which results in frequency shift corresponding to the data-input.
In receive-mode, the same synthesiser is used to generate the Mixer reference-clock.
The Mixer-Frequency Fmixer is set to a value to fold down the FSK-signal to one of two
possible IF-frequencies (2.7kHz / 5.4kHz).
The SCCLK-PLL is used to filter the phase jitter of the second frequency-synthesiser
generating the reference-clock for the SC-Filter. There is an external capacitor needed as
low-pass filtercomponent of the PLL-loop.
The BANDPASS Filter is used to limit the output-spectrum properly for power-line modem
applications.
The OUTPUT-STAGE is designed to be connected to an external buffer arrangement for
minimising the output-impedance and increasing the output-swing. The interface to the
external circuit is done with special I/O-pins allowed to operate with voltages up to +24V.
With two bias pins M1M and P1M the external buffer-stage gets biased (activated). When
these two pins are inactive, the buffer is in a high impedance-mode.
1.2.1 FREQ-GEN
Since the FSK-signal shall be programmable in steps of 150Hz, and the CKSYS
clock-frequency is 5.5296MHz the following structure is used for frequency generation:
The SC-CLK is defined to be 16
times the center-frequency of the
bandpass filters.
For generating the FSK or MIXER-
frequency, Fsynth gets divided by 16
for generation of proper DAC input
signals.
This means for both synthesisers the
frequency steps are 2400Hz.
To get a resolution of 2400Hz a
division by 2304 has to be done by subtraction of 2304 whenever the contents of the
SUM-REG exceeds 2303.
SUBSTR = 5529.6kHz / 2.4kHz = 2304 (=> res 2048+256)
To generate mark-frequencies in the range of 63.9 ... 140.55kHz, the adder factor Nmark has
to be:
Nmark = 16*Fmark / 2.4kHz
To cover the wanted frequency-range with a 9 bit word, a fixed number of 426 is added.
MRK-REG
Nmark = MRK-REG+426
Fout
Fmark
min
0
426
1022.4kHz
63.9kHz
max
511
937
2248.8kHz
140.55kHz
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 9/25
ADDER
SUM-REG
&
s
q
r
1k
2k
256
res2304
CKSYS
5.5296M
12
10
N
Fout
FSYNTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com