Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 12 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 12 Page - ams AG

Back Button AS5502 Datasheet HTML 8Page - ams AG AS5502 Datasheet HTML 9Page - ams AG AS5502 Datasheet HTML 10Page - ams AG AS5502 Datasheet HTML 11Page - ams AG AS5502 Datasheet HTML 12Page - ams AG AS5502 Datasheet HTML 13Page - ams AG AS5502 Datasheet HTML 14Page - ams AG AS5502 Datasheet HTML 15Page - ams AG AS5502 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
1.2.2 TX-BPF
The staircase waveform generated by the FG-DAC in combination with the divider by 16 has
to be filtered by an anti-aliasing filter because the SC-Filter clock is not synchronous to the
FSK-signal. There is a 6th order bandpass filter, which is also used as receive-filter in
receive-mode, implemented to reduce the FSK-spectrum. The filter-clock gets canceled by a
smoothing filter at the end of this filter-chain.
Both, AAF and SMF will be designed in a way to move their corner-frequencies according to
the frequency-band programmation. With the help of the resonator built with the transformer
and attached capacitor, the unwanted frequencies (SC-clk, harmonics) are attenuated so that
the signal spectrum at the transformer-output passes the following specification
45
50
55
60
65
70
[dBuV]
75
10k
100k
1M
10M
A: max 56dBuV@150kHz
A
B
C
Unwanted Frequency Components
Limitations (avg. measurement)
B: max 46dbuV >500kHz
C: max 50dBuV >5MHz
1.2.3 Output-Stage
AS5502: The output stage is designed to amplify the FSK-signal by a factor of 7 with the
help of an external buffer-stage to 14Vpp. The transfer from the 5V circuitry (asic) to the 24V
buffer-structure is done by current-source outputs. The on-chip resistor-network is done in a
way to shift the DC-operating point from 2.5V (on chip) to 12V (ext. buffer). With this
output-voltage a transformer with a ratio of 2.5:1 can be used (VLmax=2Vrms). The buffer
gives a very low impedance which is needed to modulate the power-line (Line-impedance: 5
.. 150ohm).
AS5501 is available for 12V buffer-supply
- amplification-factor: 3.5 instead of 7.0
- buffer DC-operating point: 6V instead of 12V
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 11/25
Cpll
AVSS
AFCF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com