Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 23 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 23 Page - ams AG

Back Button AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG AS5502 Datasheet HTML 20Page - ams AG AS5502 Datasheet HTML 21Page - ams AG AS5502 Datasheet HTML 22Page - ams AG AS5502 Datasheet HTML 23Page - ams AG AS5502 Datasheet HTML 24Page - ams AG AS5502 Datasheet HTML 25Page - ams AG AS5502 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
6.6 CKTX -Test (pattern test)
ZC-Trigger Test included !
min
typ
max
Condition
Freq1(CLR/T)
-
600Hz
-
TxMode, BD1=L, BD2=L
Freq2(CLR/T)
-
1200Hz
-
TxMode, BD1=H, BD2=L
Freq3(CLR/T)
-
1200Hz
-
TxMode, BD1=L, BD2=H
Freq4(CLR/T)
-
2400Hz
-
TxMode, default
6.7 TX-Timeout Test
TestMode3: 3sec timeout divided by 256
min
typ
max
Condition
TxEn H=>L ... M1M/P1M-bias off
11.5ms 3/256sec 12.0ms TestMode3 (pattern test)
6.8 PLL -Test (SCCLK)
Cafcf = 10nF
Tsettle=5ms
min
typ
max
Condition
Freq1(CKSYS)
-0.8%
1.032MHz
+0.8%
TestMode2, MRK1-9=0, BD1=L
Freq2(CKSYS)
-0.8%
2.263MHz
+0.8%
TestMode2, MRK1-9=511, BD1=H
Freq3(CKSYS)
-0.8%
1.850MHz
+0.8%
TestMode2, MRK1-9=341, BD1=L
Freq4(CKSYS)
-0.8%
1.445MHz
+0.8%
TestMode2, MRK1-9=170, BD1=H
Phase Jitter
-
-
+/-50ns
TestMode2, M82
6.9 FSYNTH -Test (FMIXER)
min
typ
max
Condition
Freq1(CKSYS)
-0.5%
66.9kHz
+0.5%
TestMode3, MRK1-9=0, BD1=L
Freq2(CKSYS)
-0.5%
146.55kHz
+0.5%
TestMode3, MRK1-9=511, BD1=H
Freq3(CKSYS)
-0.5%
118.05kHz
+0.5%
TestMode3, MRK1-9=341, BD1=L
Freq4(CKSYS)
-0.5%
95.4kHz
+0.5%
TestMode3, MRK1-9=170, BD1=H
Phase Jitter
-
-
+/-100ns
TestMode3, M82
6.10 TXOUT -Test
Testcircuit: (similar to the circuit shown on page 12)
VDD=5.0V
min
typ
max
Condition
Freq1(Vout)
-0.05%
81.75kHz
+0.05%
TxMode, M82, TXD=H
Freq2(Vout)
-0.05%
82.35kHz
+0.05%
TxMode, M82, TXD=L
Freq3(Vout)
-0.05%
82.95kHz
+0.05%
TxMode, M82,TXD=L,BD1=H
Freq4(Vout)
-0.05%
63.90kHz
+0.05%
TxMode, MRK1-9=0, TXD=H
Freq5(Vout)
-0.05%
140.55kHz
+0.05%
TxMode, MRK1-9=511, TXD=H
Freq6(Vout)
-0.05%
115.05kHz
+0.05%
TxMode, MRK1-9=341, TXD=H
Freq7(Vout)
-0.05%
89.40kHz
+0.05%
TxMode, MRK1-9=170, TXD=H
VppV24(Vout)
12Vpp
13.0Vpp
14Vpp
TxMode, M82,BD1=H,TXD=L/H
VppV12(Vout)
6.0Vpp
6.5Vpp
7.0Vpp
TxMode, M82,BD1=H,TXD=L/H
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 22/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com