Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 26 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 26 Page - ams AG

Back Button AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG AS5502 Datasheet HTML 20Page - ams AG AS5502 Datasheet HTML 21Page - ams AG AS5502 Datasheet HTML 22Page - ams AG AS5502 Datasheet HTML 23Page - ams AG AS5502 Datasheet HTML 24Page - ams AG AS5502 Datasheet HTML 25Page - ams AG AS5502 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
6.14 Carrier Detect - Test
VDD=5.0V, input: RXIN, output: CD
min
typ
max
Condition
VIN_on (CD=H, Fin=82.05kHz)
-
-
4.9mVeff
M82
VIN_off (CD=L, Fin=82.05kHz)
2.9mVeff
-
-
M82
Tattack1 (CD=>H @ Vin=4.9mVrms, 82.05kHz)
8.0ms
8.33ms
9.0ms
M82, FCDON=H
Tattack2 (CD=>H @ Vin=4.9mVrms,132.45kHz)
4.0ms
4.17ms
4.5ms
M132, FCDON=L
Tattack3 (CD=>H @ Vin=4.9mVrms,132.45kHz)
1.9ms
2.08ms
2.5ms
M132, FCDON=H
Trelease1 (CD =>L @ Vin=1.5Vrms, 82.05kHz)
8.0ms
-
9.0ms
M82
Trelease2 (CD=>H @ Vin=1.5Vrms, 82.05kHz)
4.0ms
-
5.0ms
M82, BD1,2=H,L
Trelease3 (CD=>H @ Vin=1.5Vrms, 82.05kHz)
1.9ms
-
2.5ms
M82, BD1,2=H,H
6.15 CKRX - Test (pattern test)
The DPLL of the Rx-clock recovery circuit will be tested by a digital pattern defined during
design-phase. In Test-Mode 3 a certain DPLL-input will be supplied by the pin TST-IN. The
CLR/T has to recover a minimum of 20% jitter and a frequency tolerance of +/-1.5%.
6.16 Serial Interface - Test (pattern test)
The serial interface will be tested by a digital pattern defined during design-phase.
min
typ
max
Condition
Tspick
1us
-
-
-
Tcssu, Tcshd
200ns
-
-
-
Tdsu, Tdhd
100ns
-
-
-
Copyright
© 2000, Austria Mikro Systeme International AG, SchloB Premstatten, 8141 Unterpremstatten, Austria.Tel. +43-
(0)3136-500-0, Fax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by
any means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme
International asserts that the information contained in this publication is accurate and correct.
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 25/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com