Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 20 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 20 Page - ams AG

Back Button AS5502 Datasheet HTML 16Page - ams AG AS5502 Datasheet HTML 17Page - ams AG AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG AS5502 Datasheet HTML 20Page - ams AG AS5502 Datasheet HTML 21Page - ams AG AS5502 Datasheet HTML 22Page - ams AG AS5502 Datasheet HTML 23Page - ams AG AS5502 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
11
P1M
ana. outp. plus 1mA bias current for TX-buffer stage
12
TxOut1
ana. outp. TX output 1
13
TxOut2
ana. outp. TX output 2
14
AVSS
supply
0V supply pin for analog section
15
DVSS
supply
0V supply pin for digital section
16
MCLK
dig. inp. master clock input (11.0592 MHz)
17
A0/CS
dig. inp. serial bus control signal with pull up
18
SCLK
dig. inp. serial bus clock with pull up
19
SD-IN
dig. inp. serial bus data input with pull up
20
SD-OUT dig. outp. serial bus data open drain output with pull up
21
CKSYS
dig. outp. system clock output (5.5296MHz)
22
RESN
dig. odo. reset open drain output active at low supply
23
TXD
dig. inp. transmit data input
24
TxEn
dig. inp. transmit-mode txen=0 / receive-mode txen=1
25
CD
dig. outp. carrier detect output
26
CLR/T
dig. outp. receive / transmit clock output
27
RXD
dig. outp. receive data output
28
DVDD
supply
+5V supply for digital section
4. ABSOLUTE MAXIMUM RATINGS
Max. Supply Voltage
Max. Input Voltage
Max. Current forced to any input or output except pin "P1M"
Max. Current forced to pin "P1M"
Max. Power Dissipation
Storage Temperature Range
Humidity Noncondensating
ESD general limit (R=1.5kOhm, C=100pF, 3 pulses each pol.)
Lead Temperature (max. 10sec)
-0.5V ... +7.0V
VSS-0.5V ... VDD+0.5V
-100mA ... +100mA
-100mA ... +25mA
700mW
-55 deg C ... 150 deg C
5% ... 95%
+/- 1kV
max 300 deg C
5. OPERATING CONDITIONS
Parameter
min
typ
max
unit
Operating Supply Voltage
4.7
5
5.3
V
Operating Temperature Range
-25
25
70
deg C
6. TEST SPECIFICATION
6.1 Test Conditions
Temperature: -25, 25, 70 deg C.
Signals:
Clock:
11.0592MHz forced to pin MCLK;
Modes:
"default":
condition after power-up/reset (see paragr. 1.1)
"M72":
MRK= 50, BD1=H, BD2=L, RxBw1=L, RxBw2=L
"M82":
MRK=119, BD1=L, BD2=L, RxBw1=H, RxBw2=L
"M132":
MRK=453, BD1=H, BD2=H, RxBw1=H, RxBw2=L
"RxMode":
TxEn = H;
"TxMode":
MMV=H, TxEn=L (disable timeout)
"norm. transm. seq.":
TxMode, M82, TXD: 010101..(with Ft=600Hz);
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 19/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com