Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 15 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 15 Page - ams AG

Back Button AS5502 Datasheet HTML 11Page - ams AG AS5502 Datasheet HTML 12Page - ams AG AS5502 Datasheet HTML 13Page - ams AG AS5502 Datasheet HTML 14Page - ams AG AS5502 Datasheet HTML 15Page - ams AG AS5502 Datasheet HTML 16Page - ams AG AS5502 Datasheet HTML 17Page - ams AG AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
The received signal gets filtered by the BANDPASS filter. An AGC-function is implemented
in this filter, to have improved performance over a wide range of input signal amplitude. The
filtered signal gets transferred to a low frequency band by the use of an MIXER-CIRCUIT so
that the frequency-band can be further reduced by an additional IF_BANDPASS. The
IF-filter output-signal gets DEMODULATED, FILTERED and SYNCHRONIZED to a
receive-clock. In receive mode the CLOCK-RECOVERY circuit is generating the
receive-clock locked to the RX-data edges. The input signal gets compared with a fixed
CARRIER DETECT threshold to get valid RX-data to be further processed by the connected
CPU only.
1.3.1 RXBPF
The bandpass-filter eliminates the frequency components which are not of interest. The
Bandwidth is programmable in 3 steps with the control-bits RXBW1 and RXBW2.
RXBW1 RXBW2 BW/Fcenter BW @ 72.00kHz BW @ 82.05kHz BW @ 132.45kHz
0
0
+/-4.2%
6.0kHz
(6.8kHz)
(11.0kHz)
1
0
+/-1.8%
(2.6kHz)
3.0kHz
4.8kHz
0
1
+/-2.3%
(3.3kHz)
(3.7kHz)
(6.0kHz)
The center-frequency of the filter is defined by the SC-Clock-Frequency (MRK-REG and the
bits BD1,2) in steps of 150Hz. (See paragraph 1.2.1 FREG_GEN).
Frequency-Response with RXBW1=1, RXBW2=0:
Fin / Fcenter
typ. rel. Gain
0.67
-45dB
0.98
-3dB
0.99
0.0dB
1
reference
1.01
0.0db
1.02
-3dB
1.5
-45dB
As already mentioned in the transmitter description, the AAF and SMF of the bandpass-filter
are tuned according to the SC-Clock and therefore to the BPF-centerfrequency.
An additional attenuation of the mains-frequency (50Hz ..) is not needed because of the
external coupling which is already a very good filter for that.
The input-voltage range which has to be handled is 1.5mV ... 1.5Vrms. The signal of the
input-pin RXIN gets buffered and lowpass-filtered by the RXBUF with a fixed gain of 0.66.
(Max. input level 14Vpp@transformer =>2.2Vpp@Rxin =>1.5Vpp@FilterInput)
The gain of the SC-BPF is controlled by the AGC loop to keep the filter-output RXO
constant at 1.0Vp for a wide range of input-dynamic. In total there is a variable gain from -3.6
to +41.4dB in steps of 1dB.
V(Line)
V(Vout)
V(RxIn)
V(RXO)
min -56.5dBV = 1.5mVrms 3.75mVrms = 10.6mVpp
1.7mVpp
0.20Vpp
max
+6dBV = 2.0Vrms
5.0Vrms = 14.0Vpp
2.2Vpp
1.45Vpp
The window-comparator threshold for the AGC-control is set to 1.02V+/-12%. The
AGC-UDC will be clocked by 8*Fbaud which gives a max. settling time of 9.4ms at 600bps.
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com