Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 17 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 17 Page - ams AG

Back Button AS5502 Datasheet HTML 13Page - ams AG AS5502 Datasheet HTML 14Page - ams AG AS5502 Datasheet HTML 15Page - ams AG AS5502 Datasheet HTML 16Page - ams AG AS5502 Datasheet HTML 17Page - ams AG AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG AS5502 Datasheet HTML 20Page - ams AG AS5502 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Fin/Fbaud
typ. Gain
0.75
-3.0dB
1.3
-25dB
A comparator with hysteresis of appr. 200mV and adjustable (bias-distortion wafer-sort-trim)
absolute reference is converting the DataFilter-output to RXDA (asynchronous receive data).
1.3.6 Bit Error Rate
The system specification of BER is the following:
Parameter
Condition
min
typ
max
BER1 Bit Error Rate with
Minimum Input Level
White Noise with S/N=13dB
RXL = 1.5mVrms
5*10
-5
10
-3
BER3 Bit Error Rate with
Maximum Input Level
White Noise with S/N=25dB
RXL = 1.5Vrms
10
-7
10
-3
BER4 Bit Error Rate with
Medium Input Level
White Noise with S/N=13dB
RXL = 600mVrms
10
-6
10
-3
BER5 Bit Error Rate with
Impulsive Noise
Noise: 5Vpp rect., 100Hz,
DC=10%, Trise/fall=10us;
RXL=90mVrms
10
-3
BER6 Bit Error Rate with
Modulated Sinusoidal Noise
Noise: sine carrier w. 80% AM;
Fmod=1kHz, special S/N-Mask
RXL=1.5Vrms
10
-3
1.3.7 CKR-GEN
There is a digital pll for receive-clock reconstruction. The signal RXDA (async. RXD) gets
synchronised by this clock which then gives the synchronous receive data signal RXD.
A multiplexer is used to select RXDA or RXD to be transferred to the pin RXD by the use of
a control bit "ASYN". The signal RXDA is used to verify the Mixer and DataFil-structure.
A second multiplexer selects CKRX or CKTX to be transferred to pin CLKR/T by the use of
control signal "TxEn". In synchronouse-mode RXD is valid at the high going edge of
CKR/T.
1.4 TEST-MUX
A test-input pin, a test-output pin with attached buffer and multiplexers are used to have
access to some internal nodes for testing. To have access to internal nodes of the receiver in
normal receive operation, the bit TEST_D6 can be set to H for avoiding TST_IN function.
The asic is forced to one of these test-modes by setting the control-bits TEST1 and TEST2.
Test1 Test2 Mux-State
TST-IN
TST-OUT CKSYS Reset-Delay TX-Timeout
0
0
0
bypass timer
VREF
MCLK/2
300ms
3sec
1
0
1
IFI
IFO
FSK_ZC
300ms
3sec
0
1
2
TXI
RXO
SC-CLK
1.17ms
11.7ms
1
1
3
DPLL-IN
DFO
Fmixer
1.17ms
11.7ms
Mux-State 0 (Normal Operation): In normal operation the test-muxes are in position 0. In
this configuration, the reference voltage VREF (2.5V) is present at pin TST-OUT.
In this mode the reset and TX-timeout counter are bypassed with TST-IN set to H.
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 16/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com