Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 25 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 25 Page - ams AG

Back Button AS5502 Datasheet HTML 18Page - ams AG AS5502 Datasheet HTML 19Page - ams AG AS5502 Datasheet HTML 20Page - ams AG AS5502 Datasheet HTML 21Page - ams AG AS5502 Datasheet HTML 22Page - ams AG AS5502 Datasheet HTML 23Page - ams AG AS5502 Datasheet HTML 24Page - ams AG AS5502 Datasheet HTML 25Page - ams AG AS5502 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
6.12 IF-FILTER Test
VDD=5.0V
input: TST_IN, output: TST_OUT
min
typ
max
Condition
abs. Gain @ 2.7kHz Vin: tbd
-1.0dB
0.0dB
+1.0dB BD1=L, TestMode1
rel. Gain @ 1.2kHz
-
-
-45dB
BD1=L, TestMode1
rel. Gain @ 2.1kHz
-4dB
-3.0dB
-2dB
BD1=L, TestMode1
rel. Gain @ 3.3kHz
-4dB
-3.0dB
-2dB
BD1=L, TestMode1
rel. Gain @ 5.8kHz
-
-
-45dB
BD1=L, TestMode1
abs. Gain @ 5.4kHz Vin: tbd
-1.0dB
0.0dB
+1.0dB BD1=H, TestMode1
rel. Gain @ 2.4kHz
-
-
-45dB
BD1=H, TestMode1
rel. Gain @ 4.2kHz
-4dB
-3.0dB
-2dB
BD1=H, TestMode1
rel. Gain @ 6.6kHz
-4dB
-3.0dB
-2dB
BD1=H, TestMode1
rel. Gain @ 11.6kHz
-
-
-45dB
BD1=H, TestMode1
6.13 RXD-Distortion Test
A fsk-signal with a bit-stream of 010101... will be forced to the TxFb-Pin. The asynchronous
RXD-signal (ASYN=H) will be measured. This test will indirectly cover the Bit Error Rate
requirements.
VDD=5.0V, ASYN=H
72kHz, dF=1200Hz, 1200baud
input: RXIN, output: RXD
min
typ
max
Condition
Bias Distortion @ Vin=1.5Vrms
-
-
8%
M72
Isochr. Distortion @ Vin=1.5Vrms
-
-
12%
M72
Bias Distortion @ Vin=3.0mVrms
-
-
8%
M72
Isochr. Distortion @ Vin=3.0mVrms
-
-
18%
M72
82.05kHz, dF=600Hz, 600baud
input: RXIN, output: RXD
Bias Distortion @ Vin=1.5Vrms
-
-
8%
M82
Isochr. Distortion @ Vin=1.5Vrms
-
-
14%
M82
Bias Distortion @ Vin=3.0mVrms
-
-
10%
M82
Isochr. Distortion @ Vin=3.0mVrms
-
-
25%
M82
132.45kHz, dF=1200Hz, 2400baud
input: RXIN, output: RXD
Bias Distortion @ Vin=1.5Vrms
-
-
12%
M132
Isochr. Distortion @ Vin=1.5Vrms
-
-
22%
M132
Bias Distortion @ Vin=3.0mVrms
-
-
14%
M132
Isochr. Distortion @ Vin=3.0mVrms
-
-
30%
M132
Isochr. Distortion @ Vin=3.0mVrms will not be tested at low temperature !
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com