Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5502 Datasheet(PDF) 13 Page - ams AG

Part # AS5502
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5502 Datasheet(HTML) 13 Page - ams AG

Back Button AS5502 Datasheet HTML 9Page - ams AG AS5502 Datasheet HTML 10Page - ams AG AS5502 Datasheet HTML 11Page - ams AG AS5502 Datasheet HTML 12Page - ams AG AS5502 Datasheet HTML 13Page - ams AG AS5502 Datasheet HTML 14Page - ams AG AS5502 Datasheet HTML 15Page - ams AG AS5502 Datasheet HTML 16Page - ams AG AS5502 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
With the bias-current outputs M1M and P1M the transistors T5 and
T6 get switched on and the driver stage is activated. The TxOut1,2 output-currents are in the
range of 3mA with complementary AC-components. For stability-reasons it is needed to
place a capacitor of 150pF from node VX to VSS.
The circuit with T1-T4 is a unity gain buffer structure. The transformer with attached
capacitor Cr gives a resonator for the used frequency-band.
With the shown test-circuit, the harmonic distortion has to be within the following limits with
a power-line load of (5ohms+50uH) // 50ohms:
ratio to the fundamental
2nd Harm.
min. 70dB
3rd Harm.
min. 75dB
higher Harm.
min. 80dB
In receive-mode, when the bias-currents are turned off, the base of the two output-transistors
are forced by resistors of 100k (Rx) to 0V and Vbuf respectively to guarantee high impedance
of the buffer. The current of the pins TxOut1,2 is 0 (VX is floating). Since the receiver-AGC
is reacting on signal levels at the RXBPF-filter output, high outband noise-components could
give clipping in the first stages of the receiver path. To avoid this, aa attenuation of 16dB
with R2, R3, C3 is realized.
(Monochromatic Noise Measurement: Outband-noise with 0dBV @ line w. 80% AM (1kHz)
=> 12.8Vpp after transformer;
=> 2.0Vpp at pin RXIN; )
The resistors R1, R2, R3 are calculated to have a DC-voltages of Vbuf/2 at node Vout and
2.5V at node RXIN. An external diode for protection against high positive voltages is needed
at Vout (Pin TXFB).
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 12/25
BC547
BC557
BC557
BC557
2k7
18
1u
0.47u
2.5:1
100
300
150p
2k7
BD140
BD139
BD139
BD140
0V
TXOUT2
TXOUT1
TXFB
P1M
T5
T6
M1M
24V
RXIN
13.3k
10k
3k
330p
24V
24V
0V
0V
R3
R2
R1
C3
C1
Cr
RB
RB
(RB, R1, R2, R3, C3 has to be adjusted
for 12V VBUF version.)
T1
T2
T4
T3
Rx
100k
Rx
100k
24V
Cr has to be adjusted to proper Fcenter.
VX
Vout
Rx
100k
LINE
3k
300
12
6u8
0V
C2
24V
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com