Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 8 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 8 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG ASCELL3911 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 8 of 13
Austria Mikro Systeme International AG
5
GP
6
GP
Table 2:
Control bit description.
Single message transmission: After completing the data transmission to the ASCell3911, the
µC may indicate ”end of transmission” by setting P4 (not end of transmit) to ”L” and pulls the
WAKEUP line to ”L”. Sensing this, 4 clock cycles later the ASCell3911 will switch the µC back to
standby mode, disabling the µC_CLK output, setting the active WAKEUP pin to ”L”. The AS-
Cell3911 will finish the transmission sequence and than turning off the XTAL oscillator to and
goes back to the standby mode too. The SMT/CMT bit is ”L” indicates the single transmission
mode.
Note: SMT/CMT is one bit of the control information.
Continuous message transmission: After completing the data transmission to the AS-
Cell3911, the µC may indicate ”end of transmission” by setting P4 to ”L” and pulls the WAKEUP
line to ”L”. Sensing this, 4 clock cycles later the ASCell3911 will switch back to standby mode,
disabling the µC_CLK output, setting the active WAKEUP pin to ”L” and than turning off the XTAL
oscillator. The SMT/CMT bit is ”H” indicates the continuous transmission mode.
Note: SMT/CMT is one bit of the control information.
Due to the sophisticated tri-state - active/inactive pull-up configuration of the WAKEUP pin the
ASCell3911 does not drain current during its standby periods.
The interface implemented in the ASCell3911 system cell is a general, non-specialized example
only. It can be modified on customers demand.
2
Electrical Characteristics
2.1 Absolute Maximum Ratings (non operating)
Symbol
Parameter
Min
Max
Units
Note
VDD; VDDSYN
Positive supply voltage
-0,5
6
V
GND; GNDSYN
Negative supply voltage
0
0
V
Vin
Voltage at every input pin
Gnd-0,5
VCC+0,5
V
Iin
Input current into any pin except
supply pins
-10
10
mA
Latch-up Test
ESD
Electrostatic discharge
1k
V
1) 3)
ESDIN
Electrostatic discharge of RF pins
500
V
1) 4)
Tstg
Storage temperature
-55
125
°C
Tlead
Lead temperature
260
°C
2)
1) Test according to MIL STD 883C, Method 3015.7. HBM: R=1,5 k
Ω, C=100 pF, 5 positive pulses per pin against supply pin(s), 5
negative pulses per pin against supply pin(s).
2) 260 °C for 10 s (Reflow and Wave Soldering), 360 °C for 3 s (Manual soldering).
3) All pins except RF+, RF-, XTAL.
4) Pins RF+, RF-, XTAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com