Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 7 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 7 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 3Page - ams AG ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 7 of 13
Austria Mikro Systeme International AG
The ASCell3911 WAKEUP pin is active and set to ”L”, holding the µC in reset state. In standby
mode the ASCell3911 WAKEUP internal pull-up is disabled and does not drain current from the
supply.
The ASCell3911 µC_CLK output is disabled, (in high resistive ”Z” state) and internally pulled up
to ”H”.
(Re)starting the transmitter: Closing the push button (giving a falling edge on µC_CLK line)
starts up the ASCell3911. It turns on its XTAL oscillator and after the oscillator start up phase it
turns the µC_CLK pin to active (CMOS level) mode and provides a clock to the µC.
After a delay of 32 µC clock cycles the WAKEUP pin of the ASCell3911 is set to ”H” for 16 clock
cycles. The transmitter is now in active mode. The WAKEUP acts in ASCell3911 active mode
as an input waiting for a ”L” to trigger the transmission of the transmitter to standby mode
During this active mode the µC sends the 132 bit data (8 bit control and 16 * 8 bit data) on the
µC - P1 (Serial data out) line.
The timing of the microcontroller interface is shown in Figure 5. The microcontroller clocks a
134-bit Data into the ASCell3911 for data encoding. This data consists of 6 control bits followed
by 128 transmit data bits. After the data bock has been completely transferred to the AS-
Cell3911, it starts up transmission, during which the I/Q modulator and power amplifier are pow-
ered up in order to transmit the encoded data. Transmission is done with respect to the control
bits. Table 2 shows the control bits set different operation modes of the chip.
wake up
Ted
DATA
D_CLK
TX-State
t
P4
standby
active
transmission
standby
start
transmission
stop
transmission
Twt
Tbit
D_EN
Twe
Tde
Tet
startup/reset µC
SMT
Figure 5:
µC interface timing for data transmission when ASCell3911 and µC are active.
Note:
Figure 4 shows the timing for the CMT-mode where the controller sets P4 to “L” and so the transmission stops. The
broken line shows the Signal P4 in the SMT mode where the ASCell3911 stops the transmission.
Control bit description:
bit#
Name
Comments
1
Quartz crystal (“CRYSTAL”):
L=13,5600 / 13,5672MHz
H=19,6875 MHz
2
Operating frequency range (“RANGE”):
L=315/433MHz,
H=868,3MHz
3
Duty cycle operation (“DCO”)
L = OFF
H = ON
4
Single / Continuous Message Transmission
(“SMT/CMT”)
L = SMT
H = CMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com