Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 11 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 11 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG ASCELL3911 Datasheet HTML 12Page - ams AG ASCELL3911 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 11 of 13
Austria Mikro Systeme International AG
DATA(serial data input), D_EN (serial data enable input), D_CLK (serial data clock input)
VIH
High level input voltage
VDD-0,5
-
V
VIL
Low level input voltage
-
0,3
V
IIH
High level input current
VIH= VDD
1
µA
IIL
Low level input current
VIL =0 V
-1
µA
WAKEUP (µC clear output / transmitter power down input)
VOH
High level output voltage
IOH = -1mA
VDD-0,5
-
V
VOL
Low level output voltage
IOL = 1mA
-
0,3
V
VIH
High level input voltage
VDD-0,5
-
V
VIL
Low level input voltage
-
0,3
V
IIH
High level input current
VIH = VDD
1
µA
IIL
Low level input current
VIL =0 V; Due to
internal pull-up
-40
µA
2.4.1
µController Interface
Symbol
Parameter
Conditions / Notes
Min
Typ
Max
Units
Tbit
FSK Data Bit duration
tbd
s
Twe
Time between Wake up and Data
Enable
Data input prepared to
receive data
tbd
s
Ted
Time between Data Enable and
Data
Data input prepared to
receive data
tbd
s
Tde
Time between Data and Data
Enable
Start-up and lock PLL
tbd
s
Tet
Time between Data Enable and
Transmit
Start-up and lock PLL
tbd
s
Twt
Time between Wake up and
Transmit start
tbd
s
Tca
Time that CLK output stays ac-
tive after Twt
tbd
s
VPOR
Power-On-Reset threshold volt-
age
RESET invalid when Vdd <
VCCminPOR
1,6
1,8
V
TPOR
Power-On-Reset duration
2
10
ms
VCCminPOR Minimum Supply Voltage for valid
Power-On-Reset output
1,2
V
3
Pin Description
Note: pin ordering is preliminary - will be fixed at fab-in.
Pin
Name
Type
Description
1
RF+
A
Power amplifier output (open collector)
2
RF-
A
Power amplifier output (open collector)
3
PAGND
P
Power amplifier ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com