Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 6 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 6 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 2Page - ams AG ASCELL3911 Datasheet HTML 3Page - ams AG ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 6 of 13
Austria Mikro Systeme International AG
SERIAL DATA OUT (P1)
STOP TRANSMIT (P4)
NCLEAR
CLK
µC_CLK
DATA
WAKEUP
10k
µC
10k
Transmit
button
SW
I
O
O
I/O
I/O
I
I
SERIAL DATA ENABLE (P2)
D_EN
I
O
SERIAL DATA CLOCK (P3)
D_CLK
I
O
Figure 3:
Interconnection of the ASCell3911 with a typical µC with one button to wake up the whole
system (example).
Note:
At room temperature, resistor values of
≈10 kΩ are suggested for the µC interface.
SW
µC_CLK
WAKEUP
P4
standby
startup
32 clocks
16 clocks
active/transmisson
4 clocks
standby
open
closed
SC3911
reset µC
power
down µC
µC
SC3911
startup
µC
Figure 4:
µC interface timing for wake-up and power down control.
Note:
The dashed lines indicate w eak high or low state when the µC_CLK or WAKEUP output of the ASCell3911 is disabled
(in high-resistive Z state) and pulled ”H” or ”L” by the internal pull-up device or by the µC via a resistor. These weak
states can be overridden by the ASCell3911 if the respective outputs are enabled. Whenever a line is pulled via an ex-
ternal resistor, however, this should override the internal pull-up devices of the ASCell3911.
1.6.1 Interface Description
It is assumed that the µC remains in low power standby mode as long as the P4 pin is kept ”L”
and no clock cycles are applied.
Standby: During standby (default after VCC-on) the XTAL oscillator is turned off and ASCell3911
holds the µC in a reset state:
ASCell3911



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com