Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 13 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 13 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG ASCELL3911 Datasheet HTML 12Page - ams AG ASCELL3911 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 13 of 13
Austria Mikro Systeme International AG
5
Package Info rmation
Figure 7: Physical dimensions of TSSOP-14.
Symbol
Common Dimensions
Minimal (mm/mil)
Nominal (mm/mil)
Maximal (mm/mil)
A
-
-
1,10/0,0433
A1
0,05/0,002
0,10/0,004
0,15/0,006
b
0,19/0,0075
-
0,30/0,0118
D
e
0,65 BSC
E
6,25/0,246
6,40/0,252
6,50/0,256
E1
4,30/0,169
4,40/0,173
4,50/0,177
L
0,50/0,020
0,60/0,024
0,70/0,028
α
0°
4°
8°
ASCell's are functional and in-spec circuits, which are usually available as samples with documentation and demoboard. How -
ever they are intentionally to be used as a basis for ASIC derivatives. If an ASCell fits into a customer's application as it is, it will
be immediately qualified and transfered to an ASSP to be ordered as a regular AS product.
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Telefon +43-(0)3136-500-0, Telefax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by
any means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme
International asserts that the information contained in this publication is accurate and correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com