Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 10 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 10 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG ASCELL3911 Datasheet HTML 12Page - ams AG ASCELL3911 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 10 of 13
Austria Mikro Systeme International AG
2.3 FSK Operation
TA = 23 °C, VDD, VSYN = 2,7 V, unless specified otherwise. Device functional for TA= -40 to
+85 °C.
Symbol
Parameter
Conditions / Notes
Min
Typ
Max
Units
FC
Carrier frequency
Depends on different external
crystals.
315,000
433,920
868,300
MHz
MHz
MHz
∆F
FSK frequency devi ation 315,000 MHz:
433,920 MHz:
868,300 MHz:
-68,4
-61,7
-61,7
+68,4
+61,7
+61,7
kHz
kHz
kHz
Fxosc
Crystal oscillator (XOSC)
frequency
315,000 MHz, Crystal=H
433,920 MHz, Crystal=L
868,300 MHz, Crystal=L
19,6875
13,5600
13,5672
MHz
MHz
MHz
FTxosc
Crystal oscillator (XOSC)
fequency tolerance
315,000 M: (-40~+85 °C),
433,920 MHz: (-40~+85 °C),
868,300 MHz: (-40~+85 °C)
50
50
25
ppm
ppm
ppm
DR,gross
Gross data rate
Including burst protocol.
18,235
1)
kbps
Pout
Available output power,
into Zout = 2000
Ω differ-
ential
315,000MHz (USA),
433,920 MHz
868,300 MHz
315MHz (Japan) - set through
RPA???
-1,5
–1,5
–3,0
0,0
0,0
-1,5
-20?
+1,5
+1,5
+0,0
dBm
dBm
dBm
dBm
TabTX
Time between two differ-
ent transmitted mes-
sages “a”&“b”
30
ms
1)
@ 868,300 MHz: DR,gross = 13,5672 MHz / 46,5 / 16 = 18,235 kbps.
@ 433,920 MHz: 18,225 kbps.
@ 315,000 MHz: 19,226 kbps.
2)
Antenna dependent - will not be production tested.
2.4 Digital Pin Characteristics
TA = 23 °C, VDD = 2,7 V, unless specified otherwise. GND is the 0 V reference.
Input parameters for bi-directional pins (µC_CLK, WAKEUP) are valid at disabled outputs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
µC_CLK (µC clock output / wake-up input)
VOH
High level output voltage
IOH =-1 mA
VDD-0,5
-
V
VOL
Low level output voltage
IOL =1 mA
-
0,3
V
tr
Rise time
CLoad = 10 pF
20
ns
td
Fall time
CLoad = 10 pF
20
ns
jcc
Cycle to cycle jitter
+/-5
%
VIH
High level input voltage
VDD-0,5
-
V
VIL
Low level input voltage
-
0,3
V
IIH
High level input current
VIH = VDD
1
µA
IIL
Low level input current
VIL =0 V; Due to in-
ternal pull-up
-40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com