Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 5 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 5 Page - ams AG

  ASCELL3911 Datasheet HTML 1Page - ams AG ASCELL3911 Datasheet HTML 2Page - ams AG ASCELL3911 Datasheet HTML 3Page - ams AG ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 5 of 13
Austria Mikro Systeme International AG
1.4.1 Duty-Cycle Operation
In certain countries, it is required to reduce the average transmit power but it is allowed to keep
the peak power high. Therefore a duty-cycled operation mode is implemented in the ASCell3911.
By selecting this operation mode, the duty cycle of the transmit signal is set to 50%, related to an
observation interval of 10 ms. This function is be implemented in the burst interference resistant
protocol encoder. The duty cycle operation is set via the bit duty cycle operation (DCO).
Note: DCO is one bit of the control information.
1.4.2 Transmission Modi
The ASCell3911 supports two different transmission modii:
• The event oriented Single Message Transmission (SMT) where four times alternate syn-
chronization and data packets are transmitted. Due to the limited transmission time this
mode needs less power than CMT but supports no direct information about the duration of a
transmitted command. The bit SMT/CMT is “L” for this mode.
• The status oriented Continuous Message Transmission (CMT) where alternate synchroniza-
tion and data packets are transmitted as long as one button is pressed. This mode is less
power efficient than SMT but the duration of a command can be directly transported by the
duration of the transmission power. The bit SMT/CMT is “H” for this mode.
Note: SMT/CMT is one bit of the control information.
1.5 Driving Amplifier
The driving amplifier has a differential open collector output optimized for driving of small, sym-
metrical high-impedance loop antennas. The amplifier drives a nominal RF current of 1 mARMS.
The maximal differential voltage swing is about 2,8 VPP. Therefore, the output power is a function
of the connected load impedance. With a 2 k
Ω differential load a nominal peak output power (to
the antenna) of
≈2 mW is obtained. Please note that the finally radiated power (from antenna) is
lower and strongly dependent on the efficiency (function of the size) of the antenna to be used.
1.6 µC Interface and Power Management
The ASCell3911 contains a direct interface to a micro controller (
µC). The µC interface of the
ASCell3911 consists of the following five pins:
”Transmit data input” (DATA).
“Active ”H” transmit data enable” (D_EN).
”Transmit data clock input” (D_CLK).
”Active ”L” µC reset output/transmitter wakeup end input” (WAKEUP).
”µC clock output/active ”L” start-up input” (µC_CLK).
These lines support the µC with the required reset and clock signals and control the ASCell3911
internal power on/off circuit, which wakes up and shuts down the whole transmitter consisting of
the ASCell3911 and the µC.
Figure 3 shows a typical interconnection of the ASCell3911 with a typical µC. Figure 4 presents
a related timing for power up and down of the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com