Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 4 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 4 Page - ams AG

  ASCELL3911 Datasheet HTML 1Page - ams AG ASCELL3911 Datasheet HTML 2Page - ams AG ASCELL3911 Datasheet HTML 3Page - ams AG ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 4 of 13
Austria Mikro Systeme International AG
Note: CRYSTAL and RANGE are bits of the control information.
1.2 Microprocessor Clock
The microprocessor clock frequency FCLK is generated by dividing the XTAL frequency FXOSC by
4 if CRYSTAL is ´L´ and by dividing the XTAL frequency FXOSC by 6 if CRYSTAL is ´H´.
Note: CRYSTAL is one bit of the control information.
1.3 Modulation
The SC3011 uses FSK modulation with a frequency deviation of
≈60 kHz at a gross data rate
from 18,25 kbit/s for the 868,300 MHz ISM band.
In the transmitter, the data from the pulse interference resistant protocol encoder is first trans-
formed into a complex base-band signal in the sin/cos block. After filtering it is shifted up to RF in
an I/Q based direct conversion transmitter.
1.4 Burst interference Resistant Protocol Encoder
In order to avoid disturbance due to pulsed interferes, e.g. GSM phones, the net data block is
encoded with a special protocol. Up to two simultaneous GSM disturbers can be handled by
adding redundancy to the FSK data in a suitable manner.
The 128 bits of a message (net data block) are put into a transmission sequence that alternates
a synchronization packet and data packet at transmission as shown in Figure 2.
To form a data packet, the 128 bit net data the information is split in 16 bytes where a bytenum-
ber and a parity is added to generate 14 bit words. Therefore the 128 bits of net data are ex-
panded to the 224 bit long (gross) data packet. The synchronization packet is simple 0101-
sequence of 252 bit.
Transmission Protocol
W
0 W1 W2 W3 W4 W5 W6 W7 W8 W9 W10 W11 W12 W13 W14 W15
Word Pattern in Data Packet
Data Packet
W
0 . . . W 15
SYNC
0-1-Sequence
Bit Pattern for SYNC
0 1 0 1 0 1 . . .
. . . 0 1 0 1 0 1
Data Packet
W
0 . . . W 15
SYNC
0-1-Sequence
12.28 ms
13.81 ms
Figure 2:
Transmission protocol of the ASCell3911.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com