Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3911 Datasheet(PDF) 3 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 3 Page - ams AG

  ASCELL3911 Datasheet HTML 1Page - ams AG ASCELL3911 Datasheet HTML 2Page - ams AG ASCELL3911 Datasheet HTML 3Page - ams AG ASCELL3911 Datasheet HTML 4Page - ams AG ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 3 of 13
Austria Mikro Systeme International AG
This document contains information on products under development. Austria Mikro Systeme International AG reserves the right to
change or discontinue this product without notice.
1
Functional Description
The ASCell3911 consists at the RF side of a reference XTAL oscillator, a single channel RF-
synthesizer, an I/Q based direct conversion FSK modulator, a driving amplifier. On the digital
side the pulse interference resistant protocol encoder and a µC interface, including microproc-
essor clock divider and a sophisticated power up/down circuitry are implemented.
PAGND
VDDSTN
f =868.3 MHz
RF-
RF+
VDD
13.5672 MHz
XTAL
GNDSYN
DATA
D_EN
µC CLK
D_CLK
GND
VDD
WAKEUP
RESET/TEST
Driving
Amplifier
Quadrature
Up Converter
Baseband
Filters
Loop-
Filter
Synthesizer
XTAL
Oscillator
VCO
90°
Clock
Sin / Cos
Generator
Protocol
Encoder
µC
Int
erf
ac
e
+
Po
we
r
up
/d
ow
n
Transmit.
Timing
Control
Register
Divider
64:1/32:1/16:1
Phase
Detector
Figure 1:
Block diagram of the ASCell3911.
1.1 RF Synthesizer
Frequency synthesis is performed by a single channel synthesizer, consisting of a phase de-
tector, a charge pump, a voltage-controlled oscillator (VCO), and a feedback divider. The VCO is
working at 315,000 to 868,300 MHz. The feedback divider divides by 16 (315,00 MHz), 32
(433,920 MHz) or 64 (868,300 MHz). The different ISM bands are selected by different XTAL fre-
quency values FXOSC and the CRYSTAL and RANGE control bits. A truth table for the selection
of the different frequencies is given in Table 1.
FXOSC / MHz Multiplier
CRYSTAL RANGE
FC/ MHz
19,6875
16
H
L
315,000
13,5600
32
L
L
433,920
13,5672
64
L
H
868,300
not used
H
H
not used
Table 1:
Quartz and RF output frequencies.
ASCell3911



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com