Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 34Page - Analog Devices AD9525BCPZ Datasheet HTML 35Page - Analog Devices AD9525BCPZ Datasheet HTML 36Page - Analog Devices AD9525BCPZ Datasheet HTML 37Page - Analog Devices AD9525BCPZ Datasheet HTML 38Page - Analog Devices AD9525BCPZ Datasheet HTML 39Page - Analog Devices AD9525BCPZ Datasheet HTML 40Page - Analog Devices AD9525BCPZ Datasheet HTML 41Page - Analog Devices AD9525BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 38 of 48
Table 34. Lock Detect
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x019
[7:4]
Don’t care
Don’t care.
[3:2]
Lock detect
counter
Required consecutive number of PFD cycles with edges inside lock detect window before the DLD
indicates a locked condition.
Bit 3
Bit 2
PFD Cycles to Determine Lock
0
0
5 (default)
0
1
16
1
0
64
1
1
255
1
Digital lock detect
window
If the time difference of the rising edges at the inputs to the PFD is less than the lock detect window time,
the digital lock detect flag is set. The flag remains set until the time difference is greater than the loss-
of-lock threshold.
0: high range (default).
1: low range.
0
Digital lock detect
disable
Digital lock detect operation.
0: normal lock detect operation (default).
1: disables lock detect.
Table 35. Reference Switchover and Monitors
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x01A
7
Enable feedback
clock present
monitor
Enables feedback clock monitor. The presence of a feedback clock is checked with the selected
reference to the PLL. This monitor does not have a value output if there is no reference to the PLL.
0: disables monitor (default).
1: enables monitor.
6
Enable REFB
present monitor
Enables Reference B clock monitor. The presence of the REFB clock is checked with the feedback clock
to the PLL. This monitor does not have a value output if there is no feedback clock to the PLL.
Register 0x01C[5] = 0 (on) for monitor to work.
0: disables monitor (default).
1: enables monitor.
5
Enable REFA
present monitor
Enables Reference A clock monitor. The presence of the REFA clock is checked with the feedback clock
to the PLL. This monitor does not have a value output if there is no feedback clock to the PLL.
Register 0x01C[4] = 0 (on) for monitor to work.
0: disables monitor (default).
1: enables monitor.
4
Disable switchover
deglitch
Disables or enables the switchover deglitch circuit.
0: enables switchover deglitch circuit (default).
1: disables switchover deglitch circuit.
3
Select REFB
(manual register
mode)
If Register 0x01A[1] = 0, selects reference for PLL.
0: selects REFA.
1: selects REFB.
2
Stay on REFB
Stays on REFB after switchover.
0: returns to REFA automatically when REFA status is good again.
1: stays on REFB after switchover. Do not automatically return to REFA.
1
Use REF_SEL pin
for reference
switchover
If Register 0x01A[0] = 0 (manual), sets method of PLL reference selection.
0: uses Register 0x01A[3] (default).
1: uses REF_SEL pin.
0
Enable automatic
ref switchover
Automatic or manual reference switchover.
0: manual reference switchover.
1: automatic reference switchover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com