Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9525BCPZ Datasheet HTML 1Page - Analog Devices AD9525BCPZ Datasheet HTML 2Page - Analog Devices AD9525BCPZ Datasheet HTML 3Page - Analog Devices AD9525BCPZ Datasheet HTML 4Page - Analog Devices AD9525BCPZ Datasheet HTML 5Page - Analog Devices AD9525BCPZ Datasheet HTML 6Page - Analog Devices AD9525BCPZ Datasheet HTML 7Page - Analog Devices AD9525BCPZ Datasheet HTML 8Page - Analog Devices AD9525BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Low Jitter Clock Generator
with Eight LVPECL Outputs
Data Sheet
AD9525
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated ultralow noise synthesizer
8 differential 3.6 GHz LVPECL outputs and 1 LVPECL SYNC
output or 2 CMOS SYNC outputs
2 differential reference inputs and 1 single-ended reference
input
APPLICATIONS
LTE and multicarrier GSM base stations
Clocking high speed ADCs, DACs
ATE and high performance instrumentation
40/100 Gb/sec OTN line side clocking
Cable/DOCSIS CMTS clocking
Test and measurement
FUNCTIONAL BLOCK DIAGRAM
REFB
PLL
DIVIDERS
÷S
SPI CONTROL
AD9525
REFA
REFA
REFB
SYNC_OUT
SYNC_OUT
REFC
CLKIN
CLKIN
OUT7
OUT7
OUT6
OUT6
OUT5
OUT5
OUT4
OUT4
OUT3
OUT3
OUT2
OUT2
OUT1
OUT1
OUT0
OUT0
Figure 1.
GENERAL DESCRIPTION
The AD9525 is designed to support converter clock requirements
for long-term evolution (LTE) and multicarrier GSM base station
designs.
The AD9525 provides a low power, multioutput, clock distribution
function with low jitter performance, along with an on-chip PLL
that can be used with an external VCO or VCXO. The VCO input
and eight LVPECL outputs can operate up to a frequency of
3.6 GHz. All outputs share a common divider that can provide
a division of 1 to 6.
The AD9525 offers a dedicated output that can be used to provide
a programmable signal for resetting or synchronizing a data
converter. The output signal is activated by a SPI write.
The AD9525 is available in a 48-lead LFCSP and can be operated
from a single 3.3 V supply. The external VCXO or VCO can
have an operating voltage of up to 5.5 V.
The AD9525 operates over the extended industrial temperature
range of −40°C to +85°C.


Similar Part No. - AD9525BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. A
More results

Similar Description - AD9525BCPZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3679 MAXIM-MAX3679 Datasheet
389Kb / 11P
3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 11/08
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com