Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9525BCPZ Datasheet HTML 1Page - Analog Devices AD9525BCPZ Datasheet HTML 2Page - Analog Devices AD9525BCPZ Datasheet HTML 3Page - Analog Devices AD9525BCPZ Datasheet HTML 4Page - Analog Devices AD9525BCPZ Datasheet HTML 5Page - Analog Devices AD9525BCPZ Datasheet HTML 6Page - Analog Devices AD9525BCPZ Datasheet HTML 7Page - Analog Devices AD9525BCPZ Datasheet HTML 8Page - Analog Devices AD9525BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 5 of 48
CLOCK INPUTS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Frequency
0
3.6
GHz
Frequencies below ~1 MHz should be dc-coupled; be careful to
match self-bias voltage
Input Sensitivity
150
mV p-p
Measured at 3.1 GHz
Input Level
2
V p-p
Larger voltage swings can turn on the protection diodes and
can degrade jitter performance
Input Common-Mode Voltage, VCM
1.55
1.64
1.74
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Resistance
6.7
7
7.4
kΩ
Self-biased
Input Capacitance
2
pF
PLL CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE/FREQUENCY DETECTOR (PFD)
PFD Input Frequency
125
MHz
Antibacklash pulse width = 1.3 ns, 2.9 ns
45
MHz
Antibacklash pulse width = 6.0 ns
CHARGE PUMP (CP)
VDD_CP (Pin 13); VCP is the voltage of the charge pump pin
(CP, Pin 14)
ICP Sink/Source
Programmable
High Value
4.5
4.9
5.4
mA
With CPRSET = 5.1 kΩ; higher ICP is possible by changing
CPRSET; VCP = VDD_CP/2 V
Low Value
0.57
0.61
0.67
mA
With CPRSET = 5.1 kΩ; lower ICP is possible by changing
CPRSET, VCP = VDD_CP/2 V
Absolute Accuracy
2.5
%
VCP = VDD_CP/2 V
CPRSET Range
2.7
10
kΩ
ICP High Impedance Mode Leakage
3.5
µA
VDD_CP = 5 V
Sink-and-Source Current Matching
2
%
0.5 V < VCP < VDD_CP − 0.5 V
ICP vs. VCP
1.5
%
0.5 V < VCP < VDD_CP − 0.5 V
ICP vs. Temperature
2
%
VCP = VDD_CP/2 V
P DIVIDER (PART OF N DIVIDER)
Input Frequency P = 1
1500
MHz
Input Frequency P = 2
3000
MHz
Input Frequency P = 3
3600
MHz
Input Frequency P = 4
3600
MHz
Input Frequency P = 5
3600
MHz
Input Frequency P = 6
3600
MHz
B DIVIDER (PART OF N DIVIDER)
Input Frequency
1500
MHz
B counter input frequency (N Divider input frequency
divided by P)
M DIVIDER
Input Frequency
3600
MHz
NOISE CHARACTERISTICS
In-Band Phase Noise of the Charge Pump/
Phase Frequency Detector (In-Band
Means Within the LBW of the PLL)
PLL in-band phase noise floor is estimated by measuring the
in-band phase noise at the output of the VCO and subtracting
20 log(N) (where N is the value of the N divider)
At 61.44 MHz PFD Frequency
−144
dBc/Hz
At 122.88 MHz PFD Frequency
−141
dBc/Hz
PLL Figure of Merit (FOM)
−222
dBc/Hz
Reference slew rate > 0.25 V/ns; FOM +10 log (fPFD) is an
approximation of the PFD/CP in-band phase noise (in the
flat region) inside the PLL loop bandwidth; when running
closed loop, the phase noise, as observed at the VCO output,
is increased by 20 log(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com