Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 40Page - Analog Devices AD9525BCPZ Datasheet HTML 41Page - Analog Devices AD9525BCPZ Datasheet HTML 42Page - Analog Devices AD9525BCPZ Datasheet HTML 43Page - Analog Devices AD9525BCPZ Datasheet HTML 44Page - Analog Devices AD9525BCPZ Datasheet HTML 45Page - Analog Devices AD9525BCPZ Datasheet HTML 46Page - Analog Devices AD9525BCPZ Datasheet HTML 47Page - Analog Devices AD9525BCPZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 45 of 48
APPLICATIONS INFORMATION
FREQUENCY PLANNING USING THE AD9525
The AD9525 is a highly flexible PLL. When choosing the PLL
settings and version of the AD9525, the following guidelines
should be kept in mind.
The AD9525 has three frequency dividers: the reference (or R)
divider, the feedback (or N) divider, and the M divider. When
trying to achieve a particularly difficult frequency divide ratio
requiring a large amount of frequency division, some of the
frequency division can be done by either the M divider or the
N divider, thus allowing a higher phase detector frequency and
more flexibility in choosing the loop bandwidth.
Choosing a nominal charge pump current in the middle of the
allowable range as a starting point allows the designer to increase or
decrease the charge pump current and, thus, allows the designer
to fine-tune the PLL loop bandwidth in either direction.
ADIsimCLK is a powerful PLL modeling tool that can be
downloaded from www.analog.com. It is very accurate in
determining the optimal loop filter for a given application.
USING THE AD9525 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed ADC is extremely sensitive to the quality of the
sampling clock of the AD9525. An ADC can be thought of as a
sampling mixer, and any noise, distortion, or time jitter on the
clock is combined with the desired signal at the analog-to-digital
output. Clock integrity requirements scale with the analog input
frequency and resolution, with higher analog input frequency
applications at ≥14-bit resolution being the most stringent. The
theoretical SNR of an ADC is limited by the ADC resolution and
the jitter on the sampling clock. Considering an ideal ADC of
infinite resolution, where the step size and quantization error
can be ignored, the available SNR can be expressed, approxi-
mately, by
π
=
J
At
f
SNR
2
1
log
20
(dB)
where:
fA is the highest analog frequency being digitized.
tJ is the rms jitter on the sampling clock.
Figure 34 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
t
J = 100f
s
t
J = 200f
s
t
J = 400f
s
t
J = 1p
s
t
J = 2p
s
t
J = 10p
s
SNR = 20log
1
2πfAtJ
Figure 34. SNR and ENOB vs. Analog Input Frequency
For more information, see the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter,
and the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, at www.analog.com.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. Distributing a single-ended clock on a noisy PCB can
result in coupled noise on the sampling clock. Differential distri-
bution has inherent common-mode rejection that can provide
superior clock performance in a noisy environment. The
differential LVPECL outputs of the AD9525 enable clock
solutions that maximize converter SNR performance.
The input requirements of the ADC (differential or single-ended,
logic level termination) should be considered when selecting
the best clocking/converter solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com