Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 39Page - Analog Devices AD9525BCPZ Datasheet HTML 40Page - Analog Devices AD9525BCPZ Datasheet HTML 41Page - Analog Devices AD9525BCPZ Datasheet HTML 42Page - Analog Devices AD9525BCPZ Datasheet HTML 43Page - Analog Devices AD9525BCPZ Datasheet HTML 44Page - Analog Devices AD9525BCPZ Datasheet HTML 45Page - Analog Devices AD9525BCPZ Datasheet HTML 46Page - Analog Devices AD9525BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 43 of 48
Table 47. SYNC_OUT Control
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F8
[7:5]
Don’t care
Don’t care.
4
SYNC_OUT
channel
power-down
Powers down SYNC_OUT channel.
0: enabled.
1: power-down (default).
3
Sync polarity
Polarity LVPECL mode.
0: noninverting (default).
1: inverting.
[2:1]
SYNC_OUT
level
Bit 1
Bit 0
VOD (mV)
0
0
1
1
0
1
0
1
400 (default)
600
780
960
0
SYNC_OUT
driver
power-down
0: enabled (default).
1: powers down LVPECL SYNC_OUT driver.
0x0F9
[7:5]
Don’t care
Don’t care.
4
Polarity CMOS
mode
Polarity CMOS mode. This bit is also used in conjunction with Register 0x0F8[3] when the driver is in CMOS
mode (Register 0x0F9[1] = 1).
Reg. 0x0F9[4]
Reg. 0x0F8[3]
SYNC OUT/SYNC OUTB
0
0
1
1
0
1
0
1
Noninverting/noninverting
Inverting/inverting
Noninverting/inverting
Inverting/noninverting
[3:2]
Enable CMOS
drivers
Sets the CMOS driver output configuration when Register 0x0F9[1] = 1.
Bit 3
Bit 2
SYNC_OUT
SYNC_OUT
0
0
1
1
0
1
0
1
Tristate
On
Tristate
On
Tristate
Tristate
On
On
1
CMOS mode
Use CMOS mode instead of LVPECL mode for SYNC_OUT.
0: LVPECL mode (default).
1: CMOS mode.
0
Sync out
resampling
edge select
SYNC_OUT resample edge select. Selects the M divider output edge used to resample the sync clock.
0: use rising edge of M clock (default).
1: use falling edge of M clock.
0x190
[7:0]
Sync clock
S divider
16-bit sync S divider, Bits[7:0] (LSB).
Cycles of reference clock = S Divider Bits[15:0] + 1. For example, [15:0] = 0 is 1 reference clock cycles,
[15:0] = 1 is 2 reference clock cycles … [15:0] = 65535 is 65536 reference clock cycles.
0x191
[7:0]
Sync clock
S divider
16-bit sync S divider, Bits[15:8] (MSB).
0x192
[7:5]
Don’t care
Don’t care.
4
Sync enable
0: disable SYNC_OUT (default).
1: Enable SYNC_OUT.
Note: Self-clearing for single shot sync.
[3:2]
Sync source
Bit 1
Bit 0
Select Reference for SYNC Clock
0
0
1
1
0
1
0
1
REF: reference input (default)
FB: PLL feedback N divider
Power-down: power down SYNC
Power-down: power down SYNC
[1:0]
Sync mode
Bit 1
Bit 0
Sync Mode
0
0
Single shot (default)
0
1
Periodic
1
0
Pseudorandom
1
1
Pseudorandom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com