Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 36Page - Analog Devices AD9525BCPZ Datasheet HTML 37Page - Analog Devices AD9525BCPZ Datasheet HTML 38Page - Analog Devices AD9525BCPZ Datasheet HTML 39Page - Analog Devices AD9525BCPZ Datasheet HTML 40Page - Analog Devices AD9525BCPZ Datasheet HTML 41Page - Analog Devices AD9525BCPZ Datasheet HTML 42Page - Analog Devices AD9525BCPZ Datasheet HTML 43Page - Analog Devices AD9525BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 40 of 48
Table 38. PLL Readback
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x01F
[7:5]
Unused
Unused
4
Selected reference
Shows the reference used by the PLL
0: REFA
1: REFB
3
Status feedback clock
Status of the feedback clock, as determined by the selected reference
0: missing
1: present
2
Status REFB
Status of Reference B clock, as determined by the feedback clock
0: missing
1: present
1
Status REFA
Status of Reference A clock, as determined by the feedback clock
0: missing
1: present
0
Digital lock detect (DLD)
Digital lock detect
0: PLL not locked
1: PLL locked
Table 39. LVPECL Drivers OUT0
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F0
[7:5]
Don’t care
Don’t care
4
Power down Channel 0 and
Channel 1
Powers down Channel 0 and Channel 1
0: enabled (default)
1: power-down
3
Don’t care
Don’t care
[2:1]
OUT0 level
Bit 1
Bit 0
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
0
OUT0 driver power-down
0: enabled (default)
1: power-down
Table 40. LVPECL Drivers OUT1
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F1
[7:5]
Don’t care
Don’t care
4
Reserved
Reserved, write 0
3
Don’t care
Don’t care
[2:1]
OUT1 level
Bit 1
Bit 0
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
0
OUT1 driver power-down
0: enabled (default)
1: power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com