Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 23Page - Analog Devices AD9525BCPZ Datasheet HTML 24Page - Analog Devices AD9525BCPZ Datasheet HTML 25Page - Analog Devices AD9525BCPZ Datasheet HTML 26Page - Analog Devices AD9525BCPZ Datasheet HTML 27Page - Analog Devices AD9525BCPZ Datasheet HTML 28Page - Analog Devices AD9525BCPZ Datasheet HTML 29Page - Analog Devices AD9525BCPZ Datasheet HTML 30Page - Analog Devices AD9525BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 27 of 48
SERIAL CONTROL PORT
The AD9525 serial control port is a flexible, synchronous serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. The
AD9525 serial control port is compatible with most synchronous
transfer formats, including Motorola® SPI and Intel® SSR protocols.
The serial control port allows read/write access to all registers
that configure the AD9525.
PIN DESCRIPTIONS
SCLK (serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and writes.
Write data bits are registered on the rising edge of this clock,
and read data bits are registered on the falling edge. This pin is
internally pulled down by a 30 kΩ resistor to ground.
SDIO (serial data input/output) is a dual-purpose pin that acts
either as an input only (unidirectional mode) or as an input/
output (bidirectional mode). The AD9525 defaults to the
bidirectional I/O mode (Register 0x000[7] = 0b).
SDO (serial data out) is used only in the unidirectional I/O mode
(Register 0x000[7] = 1b) as a separate output pin for reading back
data.
CS (chip select bar) is an active low control that gates the read
and write cycles. When CS is high, SDO and SDIO are in a high
impedance state. This pin is internally pulled up by a 30 kΩ
resistor to VS.
AD9525
SERIAL PORT
CONTROL
(SPI)
SCLK
SDO
SDIO
CS
Figure 26. Serial Control Port
GENERAL OPERATION OF SERIAL CONTROL PORT
Single byte or multiple byte transfers are supported, as well as
MSB first or LSB first transfer formats. The AD9525 serial control
port can be configured for a single bidirectional I/O pin (SDIO
only) or for two unidirectional I/O pins (SDIO/SDO). By default,
the AD9525 is in bidirectional mode. Short instruction mode
(8-bit instruction) is not supported. Only long instruction mode
(16-bit instruction) is supported.
A write or a read operation to the AD9525 is initiated by
pulling CS low.
The CS stalled high mode is supported in data transfers where
three or fewer bytes of data (plus instruction data) are transferred
(see Table 24). In this mode, the CS pin can temporarily return
high on any byte boundary, allowing time for the system controller
to process the next byte. CS can go high on byte boundaries only
and can go high during either part (instruction or data) of the
transfer.
During this period, the serial control port state machine enters
a wait state until all data is sent. If the system controller decides
to abort the transfer before all of the data is sent, the state machine
must be reset, either by completing the remaining transfers or
by returning CS low for at least one complete SCLK cycle (but
fewer than eight SCLK cycles). Raising the CS pin on a nonbyte
boundary terminates the serial transfer and flushes the buffer.
In the streaming mode (see Table 25), any number of data bytes
can be transferred in a continuous stream. The register address
is automatically incremented or decremented (see the MSB/LSB
First Transfers section). CS must be raised at the end of the last
byte to be transferred, thereby ending streaming mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9525.
The first part writes a 16-bit instruction word into the AD9525,
coincident with the first 16 SCLK rising edges. The instruction
word provides the AD9525 serial control port with information
regarding the data transfer, which is the second part of the
communication cycle. The instruction word defines whether
the upcoming data transfer is a read or a write, the number of
bytes in the data transfer, and the starting register address for
the first byte of the data transfer.
Write
If the instruction word is for a write operation, the second part
is the transfer of data into the serial control port buffer of the
AD9525. Data bits are registered on the rising edge of SCLK.
The length of the transfer (one, two, or three bytes or streaming
mode) is indicated by two bits ([W1:W0]) in the instruction
byte. When the transfer is one, two, or three bytes but not
streaming, CS can be raised after each sequence of eight bits to
stall the bus (except after the last byte, where it ends the cycle).
When the bus is stalled, the serial transfer resumes when CS is
lowered. Raising the CS pin on a nonbyte boundary resets the
serial control port. During a write, streaming mode does not
skip over reserved or blank registers, and the user can write
0x00 to the reserved register addresses.
Because data is written into a serial control port buffer area,
not directly into the actual control registers of the AD9525, an
additional operation is needed to transfer the serial control port
buffer contents to the actual control registers of the AD9525,
thereby causing them to become active. The update registers
operation (IO_UPDATE) consists of setting Register 0x232[0] =
1b (this bit is self-clearing). Any number of bytes of data can be
changed before executing an update registers. The update registers
operation simultaneously actuates all register changes that have
been written to the buffer since any previous update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com