Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 6Page - Analog Devices AD9525BCPZ Datasheet HTML 7Page - Analog Devices AD9525BCPZ Datasheet HTML 8Page - Analog Devices AD9525BCPZ Datasheet HTML 9Page - Analog Devices AD9525BCPZ Datasheet HTML 10Page - Analog Devices AD9525BCPZ Datasheet HTML 11Page - Analog Devices AD9525BCPZ Datasheet HTML 12Page - Analog Devices AD9525BCPZ Datasheet HTML 13Page - Analog Devices AD9525BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 10 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 1474.56 MHz, FOUT = 1474.56 MHz
Divider = 1
At 10 Hz Offset
−114
dBc/Hz
At 100 Hz Offset
−125
dBc/Hz
At 1 kHz Offset
−134
dBc/Hz
At 10 kHz Offset
−144
dBc/Hz
At 100 kHz Offset
−149
dBc/Hz
At 800 kHz Offset
−151
dBc/Hz
At 1 MHz Offset
−151
dBc/Hz
At 10 MHz Offset
−154
dBc/Hz
CLK = 122.88 MHz, FOUT = 122.88 MHz
Divider = 1
At 10 Hz Offset
−134
dBc/Hz
At 100 Hz Offset
−145
dBc/Hz
At 1 kHz Offset
−153
dBc/Hz
At 10 kHz Offset
−159
dBc/Hz
At 100 kHz Offset
−161
dBc/Hz
At 800 kHz Offset
−161
dBc/Hz
At 1 MHz Offset
−161
dBc/Hz
At 10 MHz Offset
−161
dBc/Hz
PD, RESET, AND REF_SEL PINS
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
1
µA
Logic 0 Current PD, RESET
−112
µA
The minus sign indicates that current is flowing out of
the AD9525, which is due to the internal pull-up
resistor
Logic 0 Current REF_SEL
1
µA
Capacitance
2
pF
RESET TIMING
Pulse Width Low
50
ns
RESET Inactive to Start of Register
Programming
100
ns
STATUS AND REF_MON PINS
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
1 mA output load
Output Voltage High, VOH
2.7
V
Output Voltage Low, VOL
0.4
V
MAXIMUM TOGGLE RATE
200
MHz
Applies when mux is set to any divider or counter
output or PFD up/down pulse; usually debug mode
only; beware that spurs can couple to output when any
of these pins is toggling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com