Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 2Page - Analog Devices AD9525BCPZ Datasheet HTML 3Page - Analog Devices AD9525BCPZ Datasheet HTML 4Page - Analog Devices AD9525BCPZ Datasheet HTML 5Page - Analog Devices AD9525BCPZ Datasheet HTML 6Page - Analog Devices AD9525BCPZ Datasheet HTML 7Page - Analog Devices AD9525BCPZ Datasheet HTML 8Page - Analog Devices AD9525BCPZ Datasheet HTML 9Page - Analog Devices AD9525BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 6 of 48
PLL DIGITAL LOCK DETECT
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PLL DIGITAL LOCK DETECT WINDOW1
Signal available at the STATUS and REF_MON pins when
selected by appropriate register settings; lock detect window
settings can be varied by changing the CPRSET resistor
Lock Threshold (Coincidence of Edges)
Selected by Reg. 0x010[1:0] and Reg. 0x019[1], which is the
threshold for transitioning from unlock to lock
Low Range (ABP 1.3 ns, 2.9 ns)
4
ns
Reg. 0x010[1:0] = 00b, 01b,11b; Reg. 0x019[1] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
7
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 0b
High Range (ABP 6.0 ns)
3.5
ns
Reg. 0x010[1:0] = 10b; Reg. 0x019[1] = 0b
Unlock Threshold (Hysteresis)1
Selected by Reg. 0x017[1:0] and Reg. 0x019[1], which is the
threshold for transitioning from unlock to lock
Low Range (ABP 1.3 ns, 2.9 ns)
8.3
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
16.9
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 0b
High Range (ABP 6.0 ns)
11
ns
Reg. 0x010[1:0] = 10b; Reg. 0x019[1] = 0b
1
For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.
CLOCK OUTPUTS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Output Frequency, Maximum
3.6
GHz
Rise Time/Fall Time (20% to 80%)
105
162
ps
Duty Cycle
Input duty cycle = 50/50
M = 1
47
50
53
%
FOUT = 2800 MHz
45
50
55
%
FOUT < 3000 MHz
M = 2, 4, 6
47
49
51
%
FOUT = 1400 MHz
45
49
55
%
FOUT < 1500 MHz
M = 3, 5
32
32
33
%
FOUT = 933.33 MHz
Output Differential Voltage,
Magnitude
750
830
984
mV
Voltage across pins, output driver static;
Termination = 50 Ω to VDD3 − 2 V
Common-Mode Output Voltage
VDD3 –
1.42
VDD3 –
1.37
VDD3 –
1.32
V
Output driver static; VDD3 (Pin 3, Pin 36, Pin 41, Pin 46);
Termination = 50 Ω to VDD3 − 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com