Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 3Page - Analog Devices AD6432AST Datasheet HTML 4Page - Analog Devices AD6432AST Datasheet HTML 5Page - Analog Devices AD6432AST Datasheet HTML 6Page - Analog Devices AD6432AST Datasheet HTML 7Page - Analog Devices AD6432AST Datasheet HTML 8Page - Analog Devices AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD6432
–7–
REV. 0
RF FREQUENCY – MHz
11
6
150
450
200
250
300
350
400
10.5
9
7.5
7
6.5
10
9.5
8.5
8
RIN = 50Ω, IF = 13MHz
RIN = 50Ω, IF = 45MHz
RIN = 50Ω, IF = 26MHz
RIN = 400Ω, IF = 13MHz
Figure 3. Rx Mixer Noise Figure vs. RF Frequency,
TA = +25°C, VPOS = 3 V, VGREF = 1.2 V, VGAIN = 0.2 V
FREQUENCY – MHz
900
800
50
550
100
150
200
250
300
350
400
450
500
700
600
500
400
300
200
100
2.5
3.0
3.5
4.0
4.5
5.0
RS
VGAIN = 2.4V
RS
VGAIN = 1.2V
RS
VGAIN = 0.2V
CS
VGAIN = 2.4V
CS
VGAIN = 1.2V
CS
VGAIN = 0.2V
Figure 4. Rx Mixer Input Impedance vs. RF Frequency,
VPOS = 3 V, TA = +25°C, VGREF = 1.2 V
RF FREQUENCY – MHz
16
14
150
175
200
250
300
350
12
10
8
6
4
2
0
–2
–4
–6
225
275
325
VGAIN = 0.2V
VGAIN = 2.4V
VGAIN = 1.5V
Figure 5. Rx Mixer Conversion Gain vs. RF Frequency,
TA = +25
°C, V
POS = 3 V, VGREF = 1.2 V, FIF = 26 MHz
IF FREQUENCY – MHz
20
15
10
14
18
26
34
42
10
5
0
–5
22
30
38
46
50
VGAIN = 1.5V
VGAIN = 0.2V
VGAIN = 2.4V
Figure 6. Mixer Conversion Gain vs. IF Frequency,
TA = +25°C, VPOS = 3 V, VGREF = 1.2 V, FRF = 250 MHz
TEMPERATURE – C
70
50
–40 –30 –20
0
20
40
40
30
20
10
–10
10
30
50
60
AMP/DEMOD, VPOS = 2.7V TO 3.6V
MIXER, VPOS = 2.7V TO 3.6V
70
80
90
60
Figure 7. Rx Mixer Conversion Gain and IF Amplifier/
Demodulator Gain vs. Temperature, VGAIN = 0.2 V,
VGREF = 1.2 V, FIF = 26 MHz, FRF = 250 MHz
VGAIN – Volts
–12
0
–13
–14
–15
–16
VPOS = 2.7V, TA = +85 C
–10
VPOS = 2.7V, TA = +25 C
VPOS = 2.7V, TA = –25 C
VPOS = 3.6V, TA = –40 C
VPOS = 3.6V, TA = +85 C
0.5
1.0
1.5
2.0
2.5
–11
Figure 8. Rx Mixer Input 1 dB Compression Point vs.
VGAIN, VGREF = 1.2 V, FRF = 250 MHz, FIF = 26 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com