Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices AD6432AST Datasheet HTML 15Page - Analog Devices AD6432AST Datasheet HTML 16Page - Analog Devices AD6432AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD6432
–13–
REV. 0
baseband converters. The interface between the AD6432 and
the AD6421 baseband converter is shown in Figure 35. The
AD7015 baseband converter provides a VR of 1.23 V; an auxil-
iary DAC in the AD7015 can be used to generate the AGC
voltage. Since it uses the same reference voltage, the numerical
input to this DAC provides an accurate RSSI value in digital
form, no longer requiring the reference voltage to have high
absolute accuracy.
Tunable Filter and I/Q Demodulators
The demodulators (I and Q) receive their inputs internally from
the IF amplifier through a two-pole tunable-frequency bandpass
filter. This filter is centered on the IF frequency and its band-
width is approximately equal to forty per cent of the IF fre-
quency. The filter attenuates the amount of noise present at the
input of the demodulators.
Each demodulator comprises a full-wave synchronous detector
followed by a 3 MHz, two-pole low-pass filter, producing differ-
ential outputs at pins IRXP and IRXN, and QRXP and QRXN.
Using the I and Q demodulators for IFs above 50 MHz is pre-
cluded by the 10 MHz to 50 MHz range of the PLL used in the
Demodulator section.
The I and Q outputs are differential and can swing up to 2 V p-p
at the low supply voltage of 2.7 V. They are nominally centered
at 1.5 V independent of power supply. They can therefore
directly drive the receive ADCs in the AD7015 or AD6421
baseband converters, which require an amplitude of 1.23 V to
fully load them when driven by a differential signal. The conver-
sion gain of the I and Q demodulators is 17 dB.
A simple 1-pole RC filter at the I and Q outputs, with its corner
above the modulation bandwidth is sufficient to attenuate un-
desired outputs. The design of the RC filter is eased by the
4.7 k
Ω resistor integrated into each I and Q output pin.
Phase-Locked Loop
The demodulators are driven by quadrature signals that are
provided by a variable-frequency quadrature oscillator (VFQO),
phase-locked to the reference frequency. This frequency is equal
or double the frequency of the signal applied to Pin FREF.
When the quadrature signals are at the IF, inphase and quadra-
ture baseband outputs are generated at the I output (IRXP
and IRXN) and Q output (QRXP and QRXN), respectively.
The quadrature accuracy of the VFQO is typically within
±1° at
26 MHz. A simplified diagram of the FREF input is shown in
Figure 32.
VPOS
5k
Ω
20k
Ω
5k
Ω
FREF
50 A PTAT
Figure 32. Simplified Schematic of the FREF Interface
The VFQO is controlled by the voltage between VPOS and
FLTR. In normal operation, a series RC network, forming the
PLL loop filter, is connected from FLTR to VPOS. The use of an
integral sample-hold system ensures that the frequency-
control voltage on Pin FLTR remains held during power-
down, so reacquisition of the carrier occurs in less than
80
µs.
In practice, the probability of a phase mismatch at power-
up is high, so the worst-case linear settling period to full
lock needs to be considered in making filter choices. This
is typically < 80
µs for a locking error of ±3° at an IF of
26 MHz. Note that the VFQO always provides quadrature
between its own I and Q outputs, but the phasing between
it and the reference carrier will swing around the final value
during the PLL’s settling time.
I and Q Transmit Modulator
The transmit modulator uses two standard mixer cells
whose linear inputs are the differential voltages at the input
Pins ITXP/ITXN and QTXP/QTXN, respectively and whose
local oscillator inputs are derived from a divide-by-two cell,
driven from the input applied to pins LOHI/LOLO. The
outputs of the mixers are summed and converted to single-
sided form. The output stage also filters the higher harmon-
ics, minimizing the need for filtering before this signal is
presented to the up-converter in a typical transmitter
configuration.
The I and Q inputs are intended to be driven using a
fully-differential drive (for example from an AD7015 or
AD6421) and need to be biased to a common-mode dc
level of 1.2 V, with a typical differential amplitude of
±1.028 V (that is, ±514 mV at each input). Some small
variation in the drive conditions is allowable, but will result
in nonoptimal performance. The minimum instantaneous
input should not go below 0.6 V and the maximum voltage
should not exceed 1.8 V using a 2.7 V supply (in general,
VP – 0.9 V). The impedance at these inputs is several M
Ω
in parallel with approximately 1 pF; the bias currents flow
out of the pins and are ~100 nA. These conditions permit
the use of a high impedance low-pass filter if desired ahead
of the modulator inputs.
The dc modulator output is at a constant dc level of 1.5 V,
independent of temperature and supply voltage. It is de-
signed to drive a 150
Ω load and should either be matched
into a 50
Ω load, using a simple LC network, or padded to
150
Ω with a series 100 Ω resistor (Figure 33). The output
is short-circuit-proof. The output modulated signal at pin
MODO has a power of –16 dBm when driving a 50
Ω load
with a 100
Ω series resistor, as shown in Figure 33. This
power is specified at a carrier frequency of 272 MHz with a
maximum dc differential signal applied to the I or Q chan-
nel while the other channel has no differential signal ap-
plied. The transmit modulator is enabled only when the
TXPU input (Pin 39) is taken HI.
50
Ω
100
Ω
MODO
100pF
Figure 33. Output Impedance of Pin MODO Is
Designed to Drive a 50
Ω Load with a 100 Ω Series
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com