Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 16 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices AD6432AST Datasheet HTML 15Page - Analog Devices AD6432AST Datasheet HTML 16Page - Analog Devices AD6432AST Datasheet HTML 17Page - Analog Devices AD6432AST Datasheet HTML 18Page - Analog Devices AD6432AST Datasheet HTML 19Page - Analog Devices AD6432AST Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD6432
–16–
REV. 0
Evaluation Board Description
This four layer board demonstrates both the transmit and
receive functions of the AD6432. The top internal layer is a
ground plane and the bottom internal layer is a strategically
partitioned power plane with DUT power and bipolar support
device power.
A 20-pin Berg strip connector provides the external power and
dc signal interface, which includes power-up, gain and external
reference bias options. The various high frequency IF, LO, TX
Modulation output (MODO) and the Demodulator Reference
(FREF) are brought in and out of the board via end-launch
SMA connectors. Appropriate terminations are provided for
each signal. Several hardware jumpers are provided for bias and
IF selection options. Figure 36 shows the placement of the
different connectors used on the evaluation board.
FREF
MODO
LOINP
OPTLO
RFHI
T1
U1
Q1
J23
J25
J24
J26
J21
1
AD6432 EVAL.
REV. B
MXOP
IFIP
J22
Figure 36. Evaluation Board Layout (Top View)
Note: MXOP, IFHI, OPTLO are optional SMA connectors not
supplied with the evaluation board.
Interface Connector (Berg Strip) Pin Description
Building up a simple IDC connector/ribbon cable breakout to a
vector board or box with banana plugs will facilitate testing.
Figure 37 shows the signal’s placement and Table II describes
each signal.
BOARD
EDGE
Figure 37. Evaluation Board Interface Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com